Electronic Components Datasheet Search
  English  ▼

X  

LM27241 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM27241
Description  Synchronous Buck Regulator Controller for Mobile Systems
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM27241 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LM27241 Datasheet HTML 17Page - National Semiconductor (TI) LM27241 Datasheet HTML 18Page - National Semiconductor (TI) LM27241 Datasheet HTML 19Page - National Semiconductor (TI) LM27241 Datasheet HTML 20Page - National Semiconductor (TI) LM27241 Datasheet HTML 21Page - National Semiconductor (TI) LM27241 Datasheet HTML 22Page - National Semiconductor (TI) LM27241 Datasheet HTML 23Page - National Semiconductor (TI) LM27241 Datasheet HTML 24Page - National Semiconductor (TI) LM27241 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Application Information (Continued)
F
Z1 < FZ2 and FZ1 < FP-COMPLEX
DESIGN EXAMPLE
V
IN = 15V
V
OUT = 1.5V
F
BW = 300kHz
BW = = 30kHz
L
OUT = 2.2µH
L
OUT = 2x100µF Tantalum + 2x47µF Ceramic
R
ESR Tantalum = 100m
Ω
R
ESR Ceramic = 15m
Ω
C
OUT total = 294µF
R
ESR total = 13m
Ω
Notice that F-zero due to the R
ESR is greater than the
cross-over frequency (F
SW). TYPE III Compensation is re-
quired.
Φ
MAX 45˚
Pick C
2 to be 4700pF, and calculate R2.C2 = 4700 pF, & R2=
5.6 k
Ω
C
1 = 190p F (use 220pF).
C
3 sets FBW:
R
3 =1k
Ω
R
1 =5k
Ω
Set output voltage:
R
4 = 3.32k
Ω
EVALUATION BOARD DETAILS
The Bill of Materials (BOM) is now provided for the LM27241
evaluation board. The schematic is the typical application
circuit. See Layout Guidelines for more guidance on pre-
ferred layout practices and also refer to Application Note
AN-1229. Note that a dual FET pack has been chosen for
the evaluation board.
The evaluation board has its output set to 1.5V. The rated
load 6A continuous, and 7A peak. A minimum load of 0.1mA
should be maintained on each output in SKIP mode, to
ensure regulation.
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com