Electronic Components Datasheet Search
  English  ▼

X  

LT1028 Datasheet(PDF) 5 Page - Analog Devices

Part # LT1028
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1028 Datasheet(HTML) 5 Page - Analog Devices

  LT1028 Datasheet HTML 1Page - Analog Devices LT1028 Datasheet HTML 2Page - Analog Devices LT1028 Datasheet HTML 3Page - Analog Devices LT1028 Datasheet HTML 4Page - Analog Devices LT1028 Datasheet HTML 5Page - Analog Devices LT1028 Datasheet HTML 6Page - Analog Devices LT1028 Datasheet HTML 7Page - Analog Devices LT1028 Datasheet HTML 8Page - Analog Devices LT1028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC6226/LTC6227
5
Rev 0
For more information www.analog.com
The l denotes the specifications which apply over the
full operating temperature range, otherwise specifications are at TA = 25°C. VS = ±5V,VCM = 0V, VSHDN = floating unless otherwise noted.
The l denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V,VCM = VOUT = 2.5V, VSHDN = floating
unless otherwise noted.
ELECTRICAL CHARACTERISTICS (VS = ±5V)
ELECTRICAL CHARACTERISTICS (VS = 5V, 0V)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SR
Slew Rate
AV = +4, 8V Output Step (Note 9)
l
115
90
180
V/μS
V/μS
FPBW
Full Power Bandwidth
VOUT = 8VP-P, AV = +2, THD < –40dBc
5.5
MHz
HD2/HD3 Harmonic Distortion, RL = 1kΩ to Half Supply,
AV = +1
fC = 100kHz, VO = 4VP-P
fC = 1MHz, VO = 4VP-P
fC = 1MHz, VO = 2VP-P
fC = 2MHz, VO = 4VP-P
fC = 2MHz, VO = 2VP-P
–128/–136
–99/–91
–104/–95
–89/–79
–91/–80
dBc
dBc
dBc
dBc
dBc
Harmonic Distortion, RL = 100Ω to Half Supply,
AV = +1
fC = 100kHz, VO = 4VP-P
fC = 1MHz, VO = 4VP-P
fC = 1MHz, VO = 2VP-P
fC = 2MHz, VO = 4VP-P
fC = 2MHz, VO = 2VP-P
–111/–123
–93/–77
–96/–80
–89/–70
–90/–70
dBc
dBc
dBc
dBc
dBc
ΔG
Differential Gain
AV = 2, RL = 150Ω
AV = +1, RL = 1kΩ
0.4
0.08
%
%
Δθ
Differential Phase
AV = 2, RL = 150Ω
AV = +1, RL = 1kΩ
0.025
0.13
Deg
Deg
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
l
–100
–235
20
100
235
μV
μV
ΔVOS
Input Offset Voltage Match
(Channel to Channel, LTC6227, Note 5)
l
–140
–400
18
140
400
µV
µV
TCVOS
Input Offset Voltage Drift
l
0.4
μV/°C
IB
Input Bias Current (Note 5)
l
–20
–25
–8.4
μA
μA
ΔIB
Input Bias Current Match
(Channel to Channel, LTC6227, Note 5)
l
–2
–3
0.3
2
3
µA
µA
IOS
Input Offset Current
–0.35
–0.5
0.2
0.35
0.5
μA
µA
ΔIOS
Input Offset Current Match
(Channel to Channel, LTC6227, Note 5)
l
–0.7
–1
0.15
0.7
1
µA
µA
en
Input Noise Voltage Spectral Density
f = 1MHz
1
nV/√Hz
Integrated 1/f Noise
0.1Hz to 10Hz
0.77
μVP-P
in
Input Noise Current Spectral Density
f = 1MHz
2.4
pA/√Hz
CIN
Input Capacitance
Differential Mode
Common Mode
3
1
pF
pF
RIN
Input Resistance
Differential Mode
Common Mode
4.7
6
kΩ
MΩ
AVOL
Large Signal Voltage Gain
RL = 1kΩ to Half Supply
VOUT = 0.5V to 4.5V
l
114
110
135
dB
dB
RL = 100Ω to Half Supply
VOUT = 0.9V to 4.1V
l
105
93
120
dB
dB
CMRR
Common Mode Rejection Ratio
VCM = V– – 0.1V to V+ – 1.2V
99
95
114
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com