Electronic Components Datasheet Search
  English  ▼

X  

LT1028 Datasheet(PDF) 1 Page - Analog Devices

Part # LT1028
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1028 Datasheet(HTML) 1 Page - Analog Devices

  LT1028 Datasheet HTML 1Page - Analog Devices LT1028 Datasheet HTML 2Page - Analog Devices LT1028 Datasheet HTML 3Page - Analog Devices LT1028 Datasheet HTML 4Page - Analog Devices LT1028 Datasheet HTML 5Page - Analog Devices LT1028 Datasheet HTML 6Page - Analog Devices LT1028 Datasheet HTML 7Page - Analog Devices LT1028 Datasheet HTML 8Page - Analog Devices LT1028 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTC6226/LTC6227
1
Rev 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
1nV/√Hz 420MHz GBW, 180V/µs,
Low Distortion Rail-to-Rail Output Op Amps
The LTC®6226/LTC6227 are very fast, low noise rail-to-rail
output, unity gain stable single/dual op amps, with a gain-
bandwidth product of 420MHz and a slew rate of 180V/μs.
The low input referred voltage noise of only 1nV/√Hz and
low distortion of less than –90dBC for 4VP-P signals at
1MHz makes them ideal for applications that require high
dynamic range and deal with very fast signals, such as
driving A/D converters.
The combination of low offset, low offset drift, high gain
(139dB) and high CMRR (114dB) make these excellent
devices for high dynamic range applications.
The LTC6226 family maintains excellent performance for
supply voltages of 2.8V to 11.75V and the devices are fully
specified at supplies of 3V, 5V and 10V (±5V).
With an input range extending to the negative rail and
rail-to-rail output stage, the operational amplifier can
accommodate wide swinging signals, and true single
supply operation.
For space constrained applications, the amplifiers come
in 2mm × 2mm DFN (single) and 3mm × 3mm DFN
(dual) packages. The devices are also available in 8-lead
SOIC,TSOT-23 and MS8E.
These amplifiers can be used as replacements for many high
speed op amps to improve speed, noise and dynamic range.
High Performance Transparent LTC6227 Based Driver for the 16-Bit AD7380
APPLICATIONS
n
Ultra Low Voltage Noise: 1nV/√Hz
n
Low Distortion: HD2/HD3<–90dBC at 4VP-P,1MHz
into 1kΩ
n
High Slew Rate: 180V/μs
n
GBW = 420MHz
n
–3dB Frequency (AV = +1): 330MHz
n
Input Common Mode Range Includes Negative Rail
n
Output Swings Rail-to-Rail
n
Supply Current: 5.5mA/Channel Typ
n
Operating Supply Range: 2.8V to 11.75V
n
Input Offset Voltage: 95μV Max
n
Offset Drift :0.4μV/°C
n
Low Power Shutdown
n
Very High Open Loop Gain: 9V/μV (139dB), RL = 1kΩ
n
Operating Temp Range: –40°C to 125°C
n
Single in 8-Lead SOIC, TSOT-23, 2mm × 2mm DFN.
Duals in 3mm × 3mm DFN, MS8E
n
Optical Electronics: Fast AC-Coupled Transimpedance
Amplifiers
n
Driving High Dynamic Range A/D Converters
n
Active Filters
n
Video Amplifiers
n
Low Voltage Low Distortion Amplification
All registered trademarks and trademarks are the property of their respective owners.
–
+
330pF
3.3V
3.3V
ADR4533
2.5V
2.2µF
1/2 LTC6227
33
68pF
3.3V
0V
68pF
62267 TA01a
–
+
1/2 LTC6227
33
5V
–2.5V
3.3V
0V
AD7380
IN–
IN+ VCC VREF VLOGIC
16-Bit ADC Driver Performance
Input Signal = –0.5dBFS
fSMPL = 4Msps, fIN = 50kHz
6.23VP–P 50kHz INPUT SIGNAL
FREQUENCY (kHz)
0
400
800
1200
1600
2000
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
LTC62277 TA01b
SNR = 91 dB
THD = –104.8 dB
SFDR = 108.5 dB


Similar Part No. - LT1028

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
Ultra Low Noise Precision High Speed Op Amps
LT1028 LINER-LT1028 Datasheet
1Mb / 18P
2GHz, 3.5mA Gain of 7 Stable Rail-to-Rail I/O Dual Op Amp
logo
Analog Devices
LT1028 AD-LT1028 Datasheet
1Mb / 16P
High Temperature 175°C Dual 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nV/√Hz Noise, Low Power Op Amp
6203xf
LT1028 AD-LT1028 Datasheet
2Mb / 30P
0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
Rev. B
LT1028 AD-LT1028 Datasheet
752Kb / 26P
180MHz, 1mA Power Efficient Rail-to-Rail I/O Op Amps
Rev C
More results

Similar Description - LT1028

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4475 MAXIM-MAX4475 Datasheet
585Kb / 15P
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps
Rev 1; 10/02
logo
Intersil Corporation
ISL28191_0808 INTERSIL-ISL28191_0808 Datasheet
1Mb / 16P
Low Distortion Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_11 Datasheet
1Mb / 21P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
Rev 8; 10/11
logo
Linear Technology
LT6013 LINER-LT6013_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT6014 LINER-LT6014_15 Datasheet
343Kb / 16P
Rail-to-Rail Output Precision Op Amps
LT1809 LINER-LT1809_15 Datasheet
299Kb / 24P
Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1810 LINER-LT1810_15 Datasheet
299Kb / 24P
Single/Dual 180MHz, 350V/s Rail-to-Rail Input and Output Low Distortion Op Amps
LT1806 LINER-LT1806_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
LT1807 LINER-LT1807_15 Datasheet
343Kb / 28P
Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
logo
Maxim Integrated Produc...
MAX4249 MAXIM-MAX4249_V01 Datasheet
1Mb / 16P
UCSP, Single-Supply, Low-Noise, Low-Distortion, Rail-to-Rail Op Amps
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com