Electronic Components Datasheet Search
  English  ▼

X  

LT1028 Datasheet(PDF) 10 Page - Analog Devices

Part # LT1028
Description  1nV/?숰z 420MHz GBW, 180V/關s, Low Distortion Rail-to-Rail Output Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT1028 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT1028 Datasheet HTML 6Page - Analog Devices LT1028 Datasheet HTML 7Page - Analog Devices LT1028 Datasheet HTML 8Page - Analog Devices LT1028 Datasheet HTML 9Page - Analog Devices LT1028 Datasheet HTML 10Page - Analog Devices LT1028 Datasheet HTML 11Page - Analog Devices LT1028 Datasheet HTML 12Page - Analog Devices LT1028 Datasheet HTML 13Page - Analog Devices LT1028 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC6226/LTC6227
10
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VOS vs Temperature, 10V Supply
VOS vs Temperature, 5V Supply
VOS vs Temperature, 3V Supply
VS = ±5V, VCM = 0V, RL = 1kΩ to Half Supply,
TA = 25°C, unless otherwise noted.
Offset Voltage vs
Input Common Mode Voltage
Offset Voltage vs Output Current
Warm Up Drift vs Time
Input Bias Current vs
Input Common Mode Voltage
0.1Hz to 10Hz Voltage Noise
Input Noise Voltage and Noise
Current Spectral Densities
vs Frequency
VS = ±5V
VCM = 0V
5 DEVICES
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
62267 G04
VS = 5V, 0V
VCM = 2.5V
5 DEVICES
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
6227 G05
VS = 3V, 0V
VCM = 1.5V
5 DEVICES
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
–50
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
62267 G06
TA = 125°C
TA = 25°C
TA = –55°C
VS = ±5V
TA = 85°C
INPUT COMMON MODE VOLTAGE (V)
–6 –5 –4 –3 –2 –1 0 1 2 3 4 5
–40
–30
–20
–10
0
10
20
30
40
50
60
70
80
90
100
62267 G07
125°C
25°C
–55°C
VS = ±5V
85°C
OUTPUT CURRENT (mA)
–30 –24 –18 –12 –6 0
6 12 18 24 30
–20
0
20
40
60
80
100
120
140
160
180
200
62267 G08
VS = ±5V
TA = 25°C
TIME AFTER POWER UP (ms)
0
1
2
3
4
5
6
7
8
–10
0
10
20
30
40
50
62267 G09
VS = ±5V
TA = –55°C
TA = 25°C
TA = 85°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
–5.1 –4.1 –3.1 –2.1 –1.1 –0.2 0.8 1.8 2.8 3.8
–20
–17
–14
–11
–8
–5
62267 G10
1s/DIV
–500.0
–400.0
–300.0
–200.0
–100.0
0
100.0
200.0
300.0
400.0
500.0
62267 G11
VS = ±5V
TA = 25°C
eN
iN,
FREQUENCY (Hz)
0.1 1
10 100 1k 10k 100k 1M 10M100M
0.1
1
10
100
1k
2k
62267 G12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com