Electronic Components Datasheet Search
  English  ▼

X  

LTC4440 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4440
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4440 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4440 Datasheet HTML 5Page - Analog Devices LTC4440 Datasheet HTML 6Page - Analog Devices LTC4440 Datasheet HTML 7Page - Analog Devices LTC4440 Datasheet HTML 8Page - Analog Devices LTC4440 Datasheet HTML 9Page - Analog Devices LTC4440 Datasheet HTML 10Page - Analog Devices LTC4440 Datasheet HTML 11Page - Analog Devices LTC4440 Datasheet HTML 12Page - Analog Devices LTC4440 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LTC7000/LTC7000-1
9
Rev. E
For more information www.analog.com
PIN FUNCTIONS
RUN (Pin 1/NA): Run Control Input. A voltage on this pin
above 1.21V enables normal operation. Forcing this pin
below 0.7V shuts down the LTC7000, reducing quiescent
current to approximately 1µA. Optionally connect to the
input supply through a resistive divider to set the under-
voltage lockout.
VIN (Pin 2/Pin 1): Main Supply Pin. A bypass capacitor
with a minimum value of 0.1µF should be tied between
this pin and GND.
VCC (Pin 3/Pin 3): Output of internal LDO and power sup-
ply for gate drivers and internal circuitry. Decouple this pin
to GND with a minimum 1.0µF low ESR ceramic capacitor.
Do not use the VCC pin for any other purpose. VCC can
be overdriven from an external high efficiency source for
high frequency switching applications that require higher
power delivered to the external MOSFET. Do not connect
VCC to a voltage greater than VIN.
VCCUV (Pin 4/Pin 5): VCC Supply Undervoltage Lockout.
A resistor on this pin sets the reference for the Gate Drive
undervoltage lockout. The voltage on this pin in the range
of 0.4V to 1.5V is multiplied by 7 to be the undervoltage
lockout for the Gate Drive (VCC pin). Short to ground to
set the minimum gate drive UVLO of 3.5V. Leave open to
set gate drive UVLO to 7.0V
FAULT (Pin 5/Pin 6): Open Drain Fault Output. This pin
pulls low after the voltage on the TIMER pin has reached
the fault threshold of 1.3V. It indicates the pass transistor
is about to turn off due to an overcurrent condition. The
typical pull-down impedance is 200Ω. The FAULT pin does
not go to a high-impedance state until the overcurrent
condition and the TIMER cooldown period expire. If the
TIMER pin is pulled above 3.5V, the TIMER function is
disabled. In this state this pin pulls low when the VTGUP-TS
signal is driven high.
TIMER (Pin 6/Pin 7): Fault Timer Input. A timing capaci-
tor, CT, from the TIMER pin to GND sets the times for fault
warning, fault turn off and retry periods (see Applications
Information). When the TIMER pin is connected to a volt-
age higher than 3.5V, an overcurrent condition will immedi-
ately pull the TGDN pin to TS. TGUP will not go high again
until the fault condition is reset by the INP pin going low
and then back high.
INP (Pin 7/Pin 8): Input Signal. CMOS compatible input
reference to GND that sets the state of TGDN and TGUP
pins (see Applications Information). INP has an internal
1MΩ pull-down to GND to keep TGDN pulled to TS during
startup transients.
OVLO (Pin 8/NA): Overvoltage Lockout Input. Connect
to the input supply through a resistor divider to set the
overvoltage lockout level. A voltage on this pin above
1.21V causes TGDN to be pulled to TS. Normal operation
resumes when the voltage on this pin decreases below
1.11V. Triggering an OVLO causes a fault condition. OVLO
should be tied to GND when not used.
ISET (Pin 9/NA): Current Trip Threshold Set. A resistor
on this pin to GND sets the peak current threshold. The
voltage on this pin (internally clamped between 0.4V and
1.5V) is divided by 20 to be the current comparator ref-
erence. Short to GND for minimum peak current (20mV
ΔVTH). Leave open for an accurate peak current (30mV
ΔVTH).
IMON (Pin 10/NA): Current Monitor. The voltage on this
pin with respect to GND represents the voltage across
the sense resistor multiplied by 20. The range on this pin
is 0V to 1.5V.
TGDN (Pin 11/Pin 9): High Current Gate Driver Pull-Down.
This pin pulls down to TS. For the fastest turn-off, tie this
pin directly to the gate of the external high side MOSFET.
TGUP (Pin 12/Pin 10): High Current Gate Driver Pull-Up.
This pin pulls up to BST. Tie this pin to TGDN for maxi-
mum gate drive transition speed. A resistor can be con-
nected between this pin and the gate of the external
MOSFET to control the in-rush current during turn-on.
See Applications Information.
TS (Pin 13/Pin 11): Top (High Side) source connection or
GND if used in ground referenced applications.
BST (Pin 14/Pin 12): High Side Bootstrapped Supply. An
external capacitor with a minimum value of 0.1µF should
be tied between this pin and TS. Voltage swing on this pin
is 12V to (VIN + 12V).
(LTC7000/LTC7000-1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com