Electronic Components Datasheet Search
  English  ▼

X  

LTC4440 Datasheet(PDF) 29 Page - Analog Devices

Part # LTC4440
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4440 Datasheet(HTML) 29 Page - Analog Devices

Back Button LTC4440 Datasheet HTML 22Page - Analog Devices LTC4440 Datasheet HTML 23Page - Analog Devices LTC4440 Datasheet HTML 24Page - Analog Devices LTC4440 Datasheet HTML 25Page - Analog Devices LTC4440 Datasheet HTML 26Page - Analog Devices LTC4440 Datasheet HTML 27Page - Analog Devices LTC4440 Datasheet HTML 28Page - Analog Devices LTC4440 Datasheet HTML 29Page - Analog Devices LTC4440 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
LTC7000/LTC7000-1
29
Rev. E
For more information www.analog.com
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications
subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
07/17
Updated pin descriptions.
Modified Block Diagram.
Inserted paragraph.
Modified equations.
Changed from 3.3V to 3.5V in Fast Turn-Off Mode paragraph, updated Table 1 numbers.
Changed to Zener from Schottky diode.
Schematic clarification.
7
8
11, 13
13
14
15
22, 23
B
08/18
Added 100Ω resistor to Typical Application.
Changed Absolute Maximum Ratings for SNS+/SNS–.
Replaced Typical Performance Curve G01.
Modified Block Diagram.
Updated schematic and graphs TA02c and TA02d.
1
3
6
9
22
C
02/19
Removed the temperature dot from the TIMER Pin Pull-Down Current specification.
5
D
11/19
Added AEC-Q100 Qualified for Automotive Applications and orderable part numbers
1, 3, 4
E
03/20
Correct Top Mark from 7000-1 to 70001
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com