Electronic Components Datasheet Search
  English  ▼

X  

LTC4440 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC4440
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4440 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC4440 Datasheet HTML 8Page - Analog Devices LTC4440 Datasheet HTML 9Page - Analog Devices LTC4440 Datasheet HTML 10Page - Analog Devices LTC4440 Datasheet HTML 11Page - Analog Devices LTC4440 Datasheet HTML 12Page - Analog Devices LTC4440 Datasheet HTML 13Page - Analog Devices LTC4440 Datasheet HTML 14Page - Analog Devices LTC4440 Datasheet HTML 15Page - Analog Devices LTC4440 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LTC7000/LTC7000-1
12
Rev. E
For more information www.analog.com
OPERATION
Internal Charge Pump
The LTC7000/LTC7000-1 contains an internal charge
pump that enables the MOSFET gate drive to have 100%
duty cycle. The charge pump regulates the BST-TS volt-
age to 12V reducing external power losses associated
with external MOSFET on-resistance. The charge pump
uses the higher voltage of TS or VCC as the source for
the charge.
Start-Up and Shutdown
If the voltage on the RUN pin (LTC7000 only) is less than
0.7V, the LTC7000 enters a shutdown mode in which all
internal circuitry is disabled, reducing the DC supply cur-
rent to approximately 1µA. When the voltage on the RUN
pin exceeds 0.7V, the internal LDO connected to VIN is
enabled and regulates VCC to 10V. At VIN voltages less
than 10V, the LDO will operate in drop-out and VCC will
follow VIN. When the voltage on the RUN pin exceeds
1.21V, the input circuitry is enabled allowing TGUP and
TGDN to be driven high with respect to TS. The LTC7000-1
does not include the RUN pin. The internal LDO connected
to VIN and the input circuitry for the LTC7000-1 become
enabled when VIN is higher than 3.5V.
Protection Circuitry
When using the LTC7000/LTC7000-1, care must be taken
not to exceed any of the ratings specified in the Absolute
Maximum Ratings section. As an added safeguard, the
LTC7000/LTC7000-1 incorporates an overtemperature
shutdown feature. If the junction temperature reaches
approximately 180°C, the LTC7000/LTC7000-1 will enter
thermal shutdown mode and TGDN will be pulled to TS.
After the part has cooled below 160°C, TGDN will be
allowed to go back high. The overtemperature level is
not production tested. The LTC7000/LTC7000-1 is guar-
anteed to start a temperatures below 150°C.
The LTC7000/LTC7000-1 additionally implements protec-
tion features which prohibit TGUP being pulled to BST
when VIN, VCC or (VBST–VTS) are not within proper operat-
ing ranges. By using a resistive divider from VIN to ground
(LTC7000 only), the RUN and OVLO pins can serve as a
precise input supply overvoltage/undervoltage lockouts.
TGDN is pulled to TS when either RUN falls below 1.11V
or OVLO rises above 1.21V, which can be configured to
limit switching to a specific range on input supply volt-
ages. Furthermore, if VIN falls below 3.5V, an internal
undervoltage detector pulls TGDN to TS.
VCC contains an undervoltage lockout feature that will
pull TGDN to TS and is configured by the VCCUV pin. If
VCCUV is open, TGDN is pulled to TS until VCC is greater
than 7.0V. By using a resistor from VCCUV to ground, the
rising undervoltage lockout on VCC can be adjusted from
3.5V to 10.5V.
An additional internal undervoltage lockout is included
that will pull TGDN to TS when the floating voltage from
BST to TS is less than 3.1V (typical).
(Refer to Block Diagram)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com