Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7138
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7138 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7138 Datasheet HTML 7Page - Analog Devices LTC7138 Datasheet HTML 8Page - Analog Devices LTC7138 Datasheet HTML 9Page - Analog Devices LTC7138 Datasheet HTML 10Page - Analog Devices LTC7138 Datasheet HTML 11Page - Analog Devices LTC7138 Datasheet HTML 12Page - Analog Devices LTC7138 Datasheet HTML 13Page - Analog Devices LTC7138 Datasheet HTML 14Page - Analog Devices LTC7138 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC7000/LTC7000-1
11
Rev. E
For more information www.analog.com
OPERATION
The LTC7000/LTC7000-1 is designed to receive a ground-
referenced, low voltage digital input signal, INP and
quickly drive and protect a high side N-channel power
MOSFET whose drain can be up to 150V above ground.
The LTC7000/LTC7000-1 is capable of driving a 1nF load
using a 12V bootstrapped supply voltage (VBST–VTS) with
35ns of propagation delay and fast rise/fall times. The
high gate drive voltage reduces external power losses
associated with external MOSFET on-resistance. The
strong drivers not only provide fast turn on and off times
but hold the TGUP and TGDN to TS voltages in the desired
state in the presence of high slew rate transients which
can occur driving inductive loads at high voltages.
Overcurrent Protection
The LTC7000/LTC7000-1 protects a high side N-channel
MOSFET from an overcurrent condition by monitoring the
voltage across an external sense resistor placed in series
with the drain of an external MOSFET and forcing the
external MOSFET to turn off by pulling TGDN to TS when
the voltage across the sense resistor, ΔVSNS, exceeds
the current comparator threshold voltage, ΔVTH, after
a period of time set by the timing capacitor, CT. When
an overcurrent condition is detected with ISET open,
ΔVTH is internally programmed to a low value of 30mV
minimizing the external conduction loss associated with
current sensing by allowing the use of lower value sense
resistors. A resistor placed between ISET and ground
allows ΔVTH to be programmed from 20mV to 75mV.
An adjustable fault and overcurrent timer is enabled by
placing a capacitor, CT from the TIMER pin to ground
and allows the load to continue functioning during
brief overcurrent transient events while protecting the
MOSFET from long periods of high currents. An external
fault flag is available which can warn of an impending
MOSFET turn off. A fast turn-off mode where TGDN
is immediately pulled to TS due to an overcurrent is
available by connecting the TIMER pin to VCC.
Current Monitor (LTC7000 Only)
The LTC7000 provides an output voltage referenced to
ground on the IMON pin that reflects the current flowing
through the external sense resistor connected between
SNS+ and SNS– while TGUP is high. The voltage on IMON
is the voltage difference between the SNS+ and SNS– pins
multiplied by 20x and referenced to ground with a range
of 0V to 1.5V. The IMON output voltage has an output
impedance of 100kΩ and is pulled to ground with a
100kΩ resistor when INP is low.
VCC Power
Power for the MOSFET driver and internal circuitry is
derived from the VCC pin. The VCC pin voltage is gener-
ated from an internal P-channel LDO connected to VIN.
VCC can also be overdriven from a high efficiency exter-
nal source for high frequency switching applications that
require higher power delivered to external MOSFET. VCC
should never be driven higher than VIN or permanent
damage to the LTC7000/LTC7000-1 could occur.
(Refer to Block Diagram)
TIMING DIAGRAM
INPUT (INP)
OUTPUT (TG-TS)
INPUT RISE/FALL TIME < 10ns
tPLH
tr
tPHL
tf
90%
10%
VIH
VIL
7000 TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com