Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7138
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7138 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7138 Datasheet HTML 20Page - Analog Devices LTC7138 Datasheet HTML 21Page - Analog Devices LTC7138 Datasheet HTML 22Page - Analog Devices LTC7138 Datasheet HTML 23Page - Analog Devices LTC7138 Datasheet HTML 24Page - Analog Devices LTC7138 Datasheet HTML 25Page - Analog Devices LTC7138 Datasheet HTML 26Page - Analog Devices LTC7138 Datasheet HTML 27Page - Analog Devices LTC7138 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC7000/LTC7000-1
24
Rev. E
For more information www.analog.com
TYPICAL APPLICATIONS
0.1µF
7000 TA03a
LTC7000
0.005
BSC12DN20NS3G
LOAD
3.5V TO 60V
10A CONTINUOUS MAX
VIN
3.5V TO 60V
(150V TOLERANT)
100k
150k
100
GND
OVLO
FAULT
VCC
TIMER
1µF
1nF
953k
10µF
19.6k
SNS+
SNS–
TGUP
TGDN
VIN
RUN
INP
BST
TS
ISET
IMON
VCCUV
ON
OFF
0.1µF
SNS+
SNS–
TGUP
TGDN
VIN
INP
7000 TA04a
LTC7000-1
0.04
BSC12DN20NS3G
LOAD
3.5V TO 135V
0.5A CONTINUOUS
VIN
3.5V TO 135V
100k
RTIMER
100
GND
VCC
FAULT
TIMER
1µF
10nF
10µF
BST
TS
VCCUV
ON
OFF
12/100ms LOAD PULSE
RTIMER = OPEN
100ms/DIV
RLOAD
10k/DIV
ILOAD
1A/DIV
VLOAD
10V/DIV
VTIMER
1A/DIV
7000 TA04b
VIN = 12V
VINP = 4V
12/100mS LOAD PULSE
RTIMER = 100k
100ms/DIV
RLOAD
10k/DIV
ILOAD
1A/DIV
VLOAD
10V/DIV
VTIMER
1V/DIV
7000 TA04c
VIN = 12V
VINP = 4V
High Side Switch with Input Overvoltage and Overcurrent Protection
High Side Switch with Overcurrent Protection and Fault Latchoff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com