Electronic Components Datasheet Search
  English  ▼

X  

LTC7138 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC7138
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7138 Datasheet(HTML) 3 Page - Analog Devices

  LTC7138 Datasheet HTML 1Page - Analog Devices LTC7138 Datasheet HTML 2Page - Analog Devices LTC7138 Datasheet HTML 3Page - Analog Devices LTC7138 Datasheet HTML 4Page - Analog Devices LTC7138 Datasheet HTML 5Page - Analog Devices LTC7138 Datasheet HTML 6Page - Analog Devices LTC7138 Datasheet HTML 7Page - Analog Devices LTC7138 Datasheet HTML 8Page - Analog Devices LTC7138 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
LTC7000/LTC7000-1
3
Rev. E
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VIN ....................................................... –0.3V to 150V
BST-TS................................................... –0.3V to 15V
VCC......................................................... –0.3V to 15V
TS Voltage .................................................. –6V to 150V
BST, SNS+ and SNS– Voltages ................ –0.3V to 150V
SNS+ – SNS–
Continuous ......................................... –0.3V to +0.3V
<1ms............................................–100mA to +100mA
INP Voltage ................................................... –6V to 15V
Driver Outputs TGUP, TGDN...............................(Note 7)
TIMER, FAULT, Voltages............................. –0.3V to 15V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC7000EMSE#PBF
LTC7000EMSE#TRPBF
7000
16-Lead Plastic MSOP
–40°C to 125°C
LTC7000IMSE#PBF
LTC7000IMSE#TRPBF
7000
16-Lead Plastic MSOP
–40°C to 125°C
LTC7000JMSE#PBF
LTC7000JMSE#TRPBF
7000
16-Lead Plastic MSOP
–40°C to 150°C
LTC7000HMSE#PBF
LTC7000HMSE#TRPBF
7000
16-Lead Plastic MSOP
–40°C to 150°C
LTC7000MPMSE#PBF
LTC7000MPMSE#TRPBF
7000
16-Lead Plastic MSOP
–55°C to 150°C
LTC7000EMSE-1#PBF
LTC7000EMSE-1#TRPBF
70001
16-Lead Plastic MSOP
–40°C to 125°C
LTC7000JMSE-1#PBF
LTC7000JMSE-1#TRPBF
70001
16-Lead Plastic MSOP
–40°C to 125°C
LTC7000HMSE-1#PBF
LTC7000HMSE-1#TRPBF
70001
16-Lead Plastic MSOP
–40°C to 150°C
LTC7000IMSE-1#PBF
LTC7000IMSE-1#TRPBF
70001
16-Lead Plastic MSOP
–40°C to 150°C
LTC7000MPMSE-1#PBF
LTC7000MPMSE-1#TRPBF 70001
16-Lead Plastic MSOP
–55°C to 150°C
LTC7000
LTC7000-1
1
2
3
4
5
6
7
8
RUN
VIN
VCC
VCCUV
FAULT
TIMER
INP
OVLO
17
GND
16
15
14
13
12
11
10
9
SNS+
SNS–
BST
TS
TGUP
TGDN
IMON
ISET
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSOP
(NOTE 6)
TJMAX = 150°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
1
3
5
6
7
8
16
14
12
11
10
9
TOP VIEW
MSE PACKAGE
VARIATION: MSE16 (12)
16-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 45°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
VIN
VCC
VCCUV
FAULT
TIMER
INP
SNS+
SNS–
BST
TS
TGUP
TGDN
17
GND
VCCUV Voltage ................................................ –0.3 to 6V
RUN Voltage (LTC7000)........................... –0.3V to 150V
ISET, IMON, OVLO Voltages (LTC7000).......... –0.3V to 6V
Operating Junction Temperature Range (Notes 2, 3, 4)
LTC7000E, LTC7000E-1, LTC7000I,
LTC7000I-1 ........................................ –40°C to 125°C
LTC7000J, LTC7000J-1 ..................... –40°C to 150°C
LTC7000H, LTC7000H-1 .................... –40°C to 150°C
LTC7000MP, LTC7000MP-1............... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package .................................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com