Electronic Components Datasheet Search
  English  ▼

X  

LTC4364 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC4364
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4364 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC4364 Datasheet HTML 3Page - Analog Devices LTC4364 Datasheet HTML 4Page - Analog Devices LTC4364 Datasheet HTML 5Page - Analog Devices LTC4364 Datasheet HTML 6Page - Analog Devices LTC4364 Datasheet HTML 7Page - Analog Devices LTC4364 Datasheet HTML 8Page - Analog Devices LTC4364 Datasheet HTML 9Page - Analog Devices LTC4364 Datasheet HTML 10Page - Analog Devices LTC4364 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LTC7000/LTC7000-1
7
Rev. E
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Total Supply Current vs
VIN Voltage
Driver On Resistance vs VBST-TS
Voltage
Charge Pump No-Load Output
Voltage vs VTS
Charge Pump Load Regulation
Charge Pump Output Current
vs VTS
∆VTH vs Temperature
RUN and OVLO Threshold
Voltages vs Temperature
VCCUV Lockout vs Temperature
Driver On Resistance vs
Temperature
VSNS+ = VSNS– = VTS
VTS (V)
0
4
8
12
16
20
0
0.5
1.0
1.5
2.0
2.5
3.0
7000 G01
VIN = 5V
VIN = 12V
IBST = 0µA
VCC = 4V
VCC = 5V
VCC = 6V
VCC = 7V
VCC ≥ 8V
VTS (V)
0
5
10
15
20
0
2
4
6
8
10
12
14
7000 G03
VCCUV = 0V
TGUP
TGDN
VBST-TS (V)
3
6
9
12
15
0
1
2
3
4
5
6
7000 G02
VCC = 4V
VTS = 4V
VTS = 6V
VTS = 8V
VTS = 10V
VTS = 12V
IBST (µA)
0
–20
–40
–60
–80
–1
1
3
5
7
9
11
13
15
7000 G04
VCC = 7V
VBST-TS = 10V
25°C
150°C
VTS (V)
0
30
60
90
120
150
–45.0
–35.0
–25.0
–15.0
–5.0
5.0
7000 G05
ISET = 0V
ISET = OPEN
ISET = 1.2V
ISET = 1.5V
TEMPERATURE (°C)
–50
0
50
100
150
0
10
20
30
40
50
60
70
80
7000 G06
RISING
FALLING
TEMPERATURE (°C)
–50
0
50
100
150
1.05
1.10
1.15
1.20
1.25
7000 G07
VCCUV = OPEN
RISING
FALLING
TEMPERATURE (°C)
–50
0
50
100
150
5.0
5.5
6.0
6.5
7.0
7.5
8.0
7000 G08
VBST–TS = 12V
TGUP
TGDN
TEMPERATURE (°C)
–50
0
50
100
150
0
1
2
3
4
7000 G09
TA = 25°C, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com