Electronic Components Datasheet Search
  English  ▼

X  

LTC4364 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC4364
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4364 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC4364 Datasheet HTML 18Page - Analog Devices LTC4364 Datasheet HTML 19Page - Analog Devices LTC4364 Datasheet HTML 20Page - Analog Devices LTC4364 Datasheet HTML 21Page - Analog Devices LTC4364 Datasheet HTML 22Page - Analog Devices LTC4364 Datasheet HTML 23Page - Analog Devices LTC4364 Datasheet HTML 24Page - Analog Devices LTC4364 Datasheet HTML 25Page - Analog Devices LTC4364 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTC7000/LTC7000-1
22
Rev. E
For more information www.analog.com
APPLICATIONS INFORMATION
PC Board Layout Considerations
1. Solder the exposed pad on the backside of the LTC7000/
LTC7000-1 packages directly to the ground plane of the
board.
2. Kelvin connect the SNS+ pin to the current sense
resistor.
3. Limit the resistance of the TS trace, by making it short
and wide.
4. CB needs to be close to chip.
5. Always include an option in the PC board layout to
place a resistor in series with the gate of any exter-
nal MOSFET. High frequency oscillations are design
dependent and having the option to add a series damp-
ening resistor can save a design iteration of the PC
board.
Pin Creepage and Clearance
In some higher voltage applications, the MSE16 package
may not provide sufficient PC board trace clearance
between high and low voltage pins. In applications where
clearance is required, the LTC7000-1 in the MSE16(12)
package can be used. The MSE16(12) package has
removed pins between all the adjacent high voltage
and low voltage pins, providing 0.657mm clearance,
which will be sufficient for most applications. For more
information, refer to the printed circuit board design
standards described in IPC-2221.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com