Electronic Components Datasheet Search
  English  ▼

X  

LTC4364 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC4364
Description  Fast 150V Protected High Side NMOS Static Switch Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4364 Datasheet(HTML) 1 Page - Analog Devices

  LTC4364 Datasheet HTML 1Page - Analog Devices LTC4364 Datasheet HTML 2Page - Analog Devices LTC4364 Datasheet HTML 3Page - Analog Devices LTC4364 Datasheet HTML 4Page - Analog Devices LTC4364 Datasheet HTML 5Page - Analog Devices LTC4364 Datasheet HTML 6Page - Analog Devices LTC4364 Datasheet HTML 7Page - Analog Devices LTC4364 Datasheet HTML 8Page - Analog Devices LTC4364 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LTC7000/LTC7000-1
1
Rev. E
For more information www.analog.com
Document Feedback
VIN = 135V
20ns/DIV
VINP
2V/DIV
VLOAD
50V/DIV
7000 TA01b
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Fast 150V Protected
High Side NMOS Static Switch Driver
The LTC®7000/LTC7000-1 is a fast high side N-channel
MOSFET gate driver that operates from input voltages up
to 135V. It contains an internal charge pump that fully
enhances an external N-channel MOSFET switch, allowing
it to remain on indefinitely.
Its powerful driver can easily drive large gate capacitances
with very short transition times, making it well suited for
both high frequency switching applications or static switch
applications that require a fast turn-on and/or turn-off time.
When an internal comparator senses that the switch
current has exceeded a preset level, a fault flag is asserted
and the switch is turned off after a period of time set by
an external timing capacitor. After a cooldown period, the
LTC7000/LTC7000-1 automatically retries.
The LTC7000/LTC7000-1 is available in the thermally-
enhanced 16-lead MSOP packages.
LTC7000
LTC7000-1
Package
16-Lead MSOP
MSE16
16-Lead MSOP
MSE16(12)
High Voltage Pin Spacing
0.157mm
0.657mm
RUN/OVLO/ISET/IMON Pins
Yes
No
High Side Switch with 100% Duty Cycle and Overcurrent Protection
Turn-On Transient Waveform
n
Wide Operating VIN: 3.5V to 135V (150V Abs Max)
n
1Ω Pull-Down, 2.2Ω Pull-Up for Fast Turn-On and
Turn-Off Times with 35ns Propagation Delays
n
Internal Charge Pump for 100% Duty Cycle
n
Short-Circuit Protected
n
Adjustable Current Trip Threshold (LTC7000)
n
Current Monitor Output (LTC7000)
n
Automatic Restart Timer
n
Open-Drain Fault Flag
n
Adjustable Turn-On Slew Rate
n
Gate Driver Supply from 3.5V to 15V
n
Adjustable VIN Undervoltage and Overvoltage
Lockouts (LTC7000)
n
Adjustable Driver Supply VCC Undervoltage Lockout
n
Low Shutdown Current: 1µA
n
CMOS Compatible Input
n
Thermally Enhanced, High Voltage Capable 16-Lead
MSOP Packages
n
AEC-Q100 Qualified for Automotive Applications
APPLICATIONS
n
Static Switch Driver
n
Load and Supply Switch Driver
n
Electronic Valve Driver
n
High Frequency High Side Gate Driver
1µF
0.1µF
100k
1nF
0.007
LOAD
3.5V TO 135V
3A CONTINUOUS MAX
VIN
VCC
FAULT
TIMER
INP
SNS+
SNS–
BST
TGUP
TGDN
TS
LTC7000-1
VCCUV
VIN
3.5V TO 135V
7000 TA01a
ON
OFF
GND
100
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LTC4364

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4364 LINER-LTC4364 Datasheet
341Kb / 24P
Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
logo
Analog Devices
LTC4364 AD-LTC4364 Datasheet
1Mb / 22P
Micropower Hot Swap Controller
08/19-REV.B
LTC4364 AD-LTC4364 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4364 AD-LTC4364 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
LTC4364 AD-LTC4364 Datasheet
2Mb / 24P
Low Quiescent Current Surge Stopper with 9m廓 MOSFET
More results

Similar Description - LTC4364

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS41K0S-ME-N INFINEON-BTS41K0S-ME-N Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.1, 2012-05-08
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-P INFINEON-ITS4200S-ME-P Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
logo
Linear Technology
LTC7000 LINER-LTC7000 Datasheet
1Mb / 28P
Fast 150V Protected High Side NMOS Static Switch Driver
LTC7001 LINER-LTC7001 Datasheet
1Mb / 16P
Fast 150V High Side NMOS Static Switch Driver
LTC7003 LINER-LTC7003 Datasheet
1Mb / 24P
Fast 60V Protected High Side NMOS Static Switch Driver
LTC7004 LINER-LTC7004 Datasheet
596Kb / 18P
Fast 60V High Side NMOS Static Switch Driver
logo
Analog Devices
LTC7000A AD-LTC7000A Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com