Electronic Components Datasheet Search
  English  ▼

X  

FN-280 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # FN-280
Description  Compact filtered power entry module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-280 Datasheet(HTML) 2 Page - Schaffner International Ltd

  FN-280 Datasheet HTML 1Page - Schaffner International Ltd FN-280 Datasheet HTML 2Page - Schaffner International Ltd FN-280 Datasheet HTML 3Page - Schaffner International Ltd FN-280 Datasheet HTML 4Page - Schaffner International Ltd FN-280 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EMC/EMI Products
Schaffner Group Datasheets 15 Aug 2019
Filter selection table
Filter
Rated current
Leakage current*
Inductance**
Capacitance**
Resistance**
Output
Fuses***
Weight
@ 40°C (25°C)
@ 230 VAC/50 Hz
L1
L2
Cx
Cy
R
connections
[A]
[μA]
[mH]
[mH]
[nF]
[nF]
[kΩ]
[Qty]
[g]
FN 281-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
1
90
FN 281-2-06
2 (2.4)
373
2
220
2.2
1000
-06
1
90
FN 281-4-06
4 (4.8)
373
1
220
2.2
1000
-06
1
90
FN 281-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
1
90
FN 281-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
1
90
FN 282-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
2
90
FN 282-2-06
2 (2.4)
373
2
220
2.2
1000
-06
2
90
FN 282-4-06
4 (4.8)
373
1
220
2.2
1000
-06
2
90
FN 282-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
2
90
FN 282-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
2
90
FN 283-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
1
90
FN 283-2-06
2 (2.4)
373
2
220
2.2
1000
-06
1
90
FN 283-4-06
4 (4.8)
373
1
220
2.2
1000
-06
1
90
FN 283-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
1
90
FN 283-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
1
90
FN 284-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
2
90
FN 284-2-06
2 (2.4)
373
2
220
2.2
1000
-06
2
90
FN 284-4-06
4 (4.8)
373
1
220
2.2
1000
-06
2
90
FN 284-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
2
90
FN 284-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
2
90
FN 285-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
1
90
FN 285-2-06
2 (2.4)
373
2
220
2.2
1000
-06
1
90
FN 285-4-06
4 (4.8)
373
1
220
2.2
1000
-06
1
90
FN 285-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
1
90
FN 285-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
1
90
FN 286-1-06
1 (1.2)
373
7.5
220
2.2
1000
-06
2
90
FN 286-2-06
2 (2.4)
373
2
220
2.2
1000
-06
2
90
FN 286-4-06
4 (4.8)
373
1
220
2.2
1000
-06
2
90
FN 286-6-06
6 (7.2)
373
0.45
220
2.2
1000
-06
2
90
FN 286-10-06
10 (11.6)
373
0.34
220
2.2
1000
-06
2
90
FN 283 E-1-06
1 (1.2)
373
7.5
0.4
220
2.2
1000
-06
1
100
FN 283 E-2-06
2 (2.4)
373
2
0.4
220
2.2
1000
-06
1
100
FN 283 E-4-06
4 (4.8)
373
1
0.4
220
2.2
1000
-06
1
100
FN 283 E-6-06
6 (7.2)
373
0.45
0.4
220
2.2
1000
-06
1
100
FN 284 E-1-06
1 (1.2)
373
7.5
0.4
220
2.2
1000
-06
2
100
FN 284 E-2-06
2 (2.4)
373
2
0.4
220
2.2
1000
-06
2
100
FN 284 E-4-06
4 (4.8)
373
1
0.4
220
2.2
1000
-06
2
100
FN 284 E-6-06
6 (7.2)
373
0.45
0.4
220
2.2
1000
-06
2
100
FN 282 B-1-06
1 (1.2)
2
7.5
220
1000
-06
2
90
FN 282 B-2-06
2 (2.4)
2
2
220
1000
-06
2
90
FN 282 B-4-06
4 (4.8)
2
1
220
1000
-06
2
90
FN 282 B-6-06
6 (7.2)
2
0.45
220
1000
-06
2
90
FN 282 B-10-06
10 (11.6)
2
0.34
220
1000
-06
2
90
*** Maximum leakage under normal operating conditions. Note: if the neutral line is interrupted, worst case leakage could reach twice this level.
*** Tolerances apply: Inductance: -30/+50%, Capacitance: ±20%, Resistance: ±10%
*** Filters are delivered without fuse.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com