Electronic Components Datasheet Search
  English  ▼

X  

FN-280 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN-280
Description  Compact filtered power entry module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-280 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN-280 Datasheet HTML 1Page - Schaffner International Ltd FN-280 Datasheet HTML 2Page - Schaffner International Ltd FN-280 Datasheet HTML 3Page - Schaffner International Ltd FN-280 Datasheet HTML 4Page - Schaffner International Ltd FN-280 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATASHEET
IEC Inlet Filters FN 280
Compact filtered power entry module
Complies with IEC/EN 60601-1
Rated currents up to 10 A
Single or dual-fuse holder
Fuses Ø5 x 20 mm
2-pole rocker switch
General purpose application
Optional earth line choke (E type)
Optional medical versions (B type)
Performance indicators
Technical specifications
Maximum continuous operating voltage
250 V, 50/60 Hz
Operating frequency
DC to 400 Hz
Rated currents
1 to 10 A @ 40°C max.
High potential test voltage
P –> PE 2000 VAC for 2 sec (standard types)
P –> PE 2500 VAC for 2 sec (B types)
P –> N 760 VAC for 2 sec
Protection category
IP 40 according to IEC 60529
Temperature range (operation and storage)
-25°C to +85°C (25/85/21)
Design corresponding to
UL 1283, CSA 22.2 No. 8 1986, IEC/EN 60939
Flammability corresponding to
UL 94 V-2 or better
MTBF @ 40°C/230 V (Mil-HB-217F)
1,500,000 hours
Fuse holder
1 or 2 fuses (Ø5 x 20 mm) (certified to IEC 60127-6)
Power acceptance @ amb. temperature
Marking
max. 250 V ~ (text is print. below fuse symbol)
Rocker switch description
Function
2-pole, dark not illuminated
Marking I - 0
Electrical specifications
Inrush current 82 A
6,000 on-off operations according to UL 1054, TV5
10,000 on-off operations according to ENEC
Switch ratings
USA (UL) and Canada (C-UL)
10 A, 125 VAC; 10 A, 250 VAC; 1/3 HP
Europe (ENEC)
10 A (4 A), 250 VAC*
Mechanical life
50,000 cycles
* Value in () relates to the inductive current charge: cosφ = 0.65
Approvals
(CQC except HI-types)
The FN 280 power entry module combines an IEC
inlet, a mains filter with single or dual- fuse holder and
a 2-pole rocker switch in a small form factor.
Choosing FN 280 product line brings you the rapid
availability of a standard filter associated with the
necessary safety acceptances. Standard IEC
connector filters are a practical solution helping you
to pass EMI system approval in a short time. A wide
selection on amperage ratings, fuse options,
mounting possibilities and filters for medical
applications are designed to offer you the desired
solution.
Features and benefits
High conducted attenuation performance, based
on chokes with high saturation resistance and
excellent thermal behavior
Rear/front or snap-in mounting
Single or dual-fuse holder
2-pole rocker switch
Custom-specific versions are available on request
Typical applications
Portable electrical and electronic equipment
Consumer goods
EDP and office equipment
Single-phase power supplies, switch-mode power
supplies
Test and measurement equipment
Medical equipment
Typical electrical schematic


Similar Part No. - FN-280

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN-2-100 ETC2-FN-2-100 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-2-50 ETC2-FN-2-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-20-100 ETC2-FN-20-100 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-20-50 ETC2-FN-20-50 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
FN-200-100 ETC2-FN-200-100 Datasheet
32Kb / 1P
DC AMMETER SHUNTS DERIVADORES DE CORRIENTE (SHUNTS)
More results

Similar Description - FN-280

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
1CUFE1 MACOM-1CUFE1 Datasheet
390Kb / 4P
Compact 1U Height Switched Power Entry Module
logo
List of Unclassifed Man...
FN281-6-06 ETC2-FN281-6-06 Datasheet
917Kb / 5P
Compact Filtered Power Entry Module
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
Power Entry Module
logo
Schaffner International...
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
Versatile Filtered Power Entry Module
FN-9280 SCHAFFNER-FN-9280 Datasheet
3Mb / 9P
Ultra Compact and Versatile Filtered Power Entry Module
FN-9290 SCHAFFNER-FN-9290 Datasheet
2Mb / 7P
Ultra Compact and Versatile Filtered Power Entry Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com