Electronic Components Datasheet Search
  English  ▼

X  

FN-280 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # FN-280
Description  Compact filtered power entry module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN-280 Datasheet(HTML) 4 Page - Schaffner International Ltd

  FN-280 Datasheet HTML 1Page - Schaffner International Ltd FN-280 Datasheet HTML 2Page - Schaffner International Ltd FN-280 Datasheet HTML 3Page - Schaffner International Ltd FN-280 Datasheet HTML 4Page - Schaffner International Ltd FN-280 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EMC/EMI Products
Schaffner Group Datasheets 15 Aug 2019
Mechanical data
FN 281/FN 282
FN 283/FN 284
FN 285/FN 286
Panel cut out
Dimensions
FN 281
FN 282
FN 283
FN 284
FN 285
FN 286
Tolerances
A
32
32
50
50
32
32
±0.3
B
82
82
65
65
65
65
±0.3
C
72
72
40
40
±0.1
D
43.1
43.1
43.1
43.1
43.6
43.6
±0.3
E
28.5
28.5
28.5
28.5
28.5
28.5
±0.25
F
5.5
5.5
5.5
5.5
5
5
±0.3
G
59.95 max.
59.95 max.
59.95 max.
59.95 max.
59.95 max.
59.95 max.
H
Ø3.5
Ø3.5
Ø3.3
Ø3.3
I
13.4
16.2
13.4
16.2
13.9
16.7
±0.3
J
22.5
22.5
22.5
22.5
22.5
22.5
M
R ≤2.5
R ≤2.5
R ≤2.5
R ≤2.5
R ≤2.5
R ≤2.5
N
60
60
60
60
61.5+0.2/-0*
61.5+0.2/-0*
+0.5/-0
P
29
29
29
29
29
29
+0.5/-0
R
M3
M3
M3
M3
S
90°
90°
90°
90°
* For a panel thickness between 0.8 and 3 mm
All dimensions in mm; 1 inch = 25.4 mm
Tolerances according: ISO 2768-m/EN 22768-m
Please visit www.schaffner.com to find more details on filter connectors.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com