Electronic Components Datasheet Search
  English  ▼

X  

UC3845BD Datasheet(PDF) 12 Page - ON Semiconductor

Part # UC3845BD
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3845BD Datasheet(HTML) 12 Page - ON Semiconductor

Back Button UC3845BD Datasheet HTML 8Page - ON Semiconductor UC3845BD Datasheet HTML 9Page - ON Semiconductor UC3845BD Datasheet HTML 10Page - ON Semiconductor UC3845BD Datasheet HTML 11Page - ON Semiconductor UC3845BD Datasheet HTML 12Page - ON Semiconductor UC3845BD Datasheet HTML 13Page - ON Semiconductor UC3845BD Datasheet HTML 14Page - ON Semiconductor UC3845BD Datasheet HTML 15Page - ON Semiconductor UC3845BD Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
12
Figure 24. Current Waveform Spike Suppression
+
−
5.0V Ref
+
−
S
R
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
C
R
The addition of the RC filter will eliminate
instability caused by the leading edge spike
on the current waveform.
7(12)
Comp/Latch
T
Figure 25. MOSFET Parasitic Oscillations
Figure 26. Bipolar Transistor Drive
+
−
S
R
5.0V Ref
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
Series gate resistor Rg will damp any high frequency
parasitic oscillations caused by the MOSFET input
capacitance and any series wiring inductance in the
gate−source circuit.
6(10)
5(8)
3(5)
RS
Q1
Vin
C1
Base Charge
Removal
The totem pole output can furnish negative base current
for enhanced transistor turn−off, with the addition of
capacitor C1.
IB
+
−
0
7(12)
Rg
Comp/Latch
T
+
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com