Electronic Components Datasheet Search
  English  ▼

X  

UC3845BD Datasheet(PDF) 16 Page - ON Semiconductor

Part # UC3845BD
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3845BD Datasheet(HTML) 16 Page - ON Semiconductor

Back Button UC3845BD Datasheet HTML 12Page - ON Semiconductor UC3845BD Datasheet HTML 13Page - ON Semiconductor UC3845BD Datasheet HTML 14Page - ON Semiconductor UC3845BD Datasheet HTML 15Page - ON Semiconductor UC3845BD Datasheet HTML 16Page - ON Semiconductor UC3845BD Datasheet HTML 17Page - ON Semiconductor UC3845BD Datasheet HTML 18Page - ON Semiconductor UC3845BD Datasheet HTML 19Page - ON Semiconductor UC3845BD Datasheet HTML 20Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
16
x
= 4 or 5
F
= Wafer Fab
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
SOIC−14
D SUFFIX
CASE 751A
MARKING DIAGRAMS
UC384xBD
AWLYWW
14
1
UC384xBN
AWL
YYWW
PDIP−8
N SUFFIX
CASE 626
1
8
384xB
ALYW
SOIC−8
D1 SUFFIX
CASE 751
1
8
UC384xBVD
AWLYWW
14
1
384xB
ALYWV
1
8
UC3844BVN
AWL
YYWW
1
8
UC284xBD
AWLYWW
14
1
284xB
ALYW
1
8
UC2844BN
FAWL
YYWW
1
8
UC3845BVN
FAWL
YYWW
1
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com