Electronic Components Datasheet Search
  English  ▼

X  

UC3845BD Datasheet(PDF) 13 Page - ON Semiconductor

Part # UC3845BD
Description  HIGH PERFORMANCE CURRENT MODE CONTROLLERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

UC3845BD Datasheet(HTML) 13 Page - ON Semiconductor

Back Button UC3845BD Datasheet HTML 9Page - ON Semiconductor UC3845BD Datasheet HTML 10Page - ON Semiconductor UC3845BD Datasheet HTML 11Page - ON Semiconductor UC3845BD Datasheet HTML 12Page - ON Semiconductor UC3845BD Datasheet HTML 13Page - ON Semiconductor UC3845BD Datasheet HTML 14Page - ON Semiconductor UC3845BD Datasheet HTML 15Page - ON Semiconductor UC3845BD Datasheet HTML 16Page - ON Semiconductor UC3845BD Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
UC3844B, UC3845B, UC2844B, UC2845B
http://onsemi.com
13
+
R
2R
1.0mA
EA
2(3)
5(9)
2.5V
1(1)
Rf
Cf
Rd
Rp
From VO
Error Amp compensation circuit for stabilizing current mode boost
and flyback topologies operating with continuous inductor current.
Cp
Ri
Figure 27. Isolated MOSFET Drive
Figure 28. Latched Shutdown
Figure 29. Error Amplifier Compensation
+
−
S
R
5.0V Ref
Q
7(11)
6(10)
5(8)
3(5)
RS
Q1
VCC
Vin
Isolation
Boundary
VGS Waveforms
+
−
0
50% DC
25% DC
NS
Np
Bias
+
Osc
R
R
R
2R
EA
5(9)
1(1)
2(3)
4(7)
8(14)
The MCR101 SCR must be selected for a holding of < 0.5 mA @ TA(min). The
simple two transistor circuit can be used in place of the SCR as shown. All
resistors are 10 k.
MCR
101
2N
3905
2N
3903
+
R
2R
1.0mA
EA
2(3)
5(9)
2.5V
1(1)
Rf
Cf
Rd
Ri
From VO
Error Amp compensation circuit for stabilizing any current mode topology except
for boost and flyback converters operating with continuous inductor current.
Rf ≥ 8.8k
Comp/Latch
7(12)
R
C
NS
NP
1.0 mA
T
+
−
0
+
−
Ipk =
V(Pin1) − 1.4
3 RS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com