Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 1 Page - Texas Instruments

  AMC3302 Datasheet HTML 1Page - Texas Instruments AMC3302 Datasheet HTML 2Page - Texas Instruments AMC3302 Datasheet HTML 3Page - Texas Instruments AMC3302 Datasheet HTML 4Page - Texas Instruments AMC3302 Datasheet HTML 5Page - Texas Instruments AMC3302 Datasheet HTML 6Page - Texas Instruments AMC3302 Datasheet HTML 7Page - Texas Instruments AMC3302 Datasheet HTML 8Page - Texas Instruments AMC3302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
AMC3302 Precision, ±50-mV Input, Reinforced Isolated Amplifier
With Integrated DC/DC Converter
1 Features
• 3.3-V or 5-V single supply with integrated DC/DC
converter
• ±50-mV linear input voltage range optimized for
current measurement using shunt resistors
• Fixed gain: 41
• Low DC errors:
– Input offset voltage: ±100 µV (max)
– Input offset drift: ±0.8 µV/°C (max)
– Gain error: ±0.3% (max)
– Gain error drift: ±50 ppm/°C (max)
– Nonlinearity: ±0.03% (max)
• High CMTI: 85 kV/µs (min)
• System-level diagnostic features
• Safety-related certifications:
– 6000-VPK reinforced isolation per DIN VDE V
0884-11
– 4250-VRMS isolation for 1 minute per UL1577
• Meets CISPR-11 and CISPR-25 EMI standards
2 Applications
• Isolated voltage sensing in:
– Motor drives
– Photovoltaic inverters
– Power delivery systems
– Electricity meters
– Protection relays
3 Description
The AMC3302 is a precision, isolated amplifier with a
fully integrated, isolated DC/DC converter that allows
single-supply operation from the low-side of the
device. The reinforced capacitive isolation barrier is
certified according to VDE V 0884-11 and UL1577
and separates sections of the system that operate on
different common-mode voltage levels and protects
low-voltage domains from damage.
The input of the AMC3302 is optimized for direct
connection to shunt resistors or other low voltage-
level signal sources. The integrated isolated DC/DC
converter allows flexible placement of the shunt and
the AMC3302, and makes the device a unique
solution for space-constrained applications.
The excellent performance of the device supports
accurate current monitoring and control, which is an
important feature to achieve low torque ripple in motor
control applications. The integrated DC/DC converter
fault-detection and diagnostic output pin of the
AMC3302 simplify system-level design and
diagnostics.
The AMC3302 is specified over the industrial
temperature range of –40°C to +125°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
AMC3302
SOIC (16)
10.30 mm × 7.50 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Resonator
And
Driver
LDO
Rectifier
LDO
Diagnostics
AMC3302
ADS8363
16-Bit ADC
DCDC_IN
DCDC_GND
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
3.3 V / 5 V
GND
To MCU (optional)
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
I
Application Example
www.ti.com
AMC3302
SBASA11 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: AMC3302
AMC3302
SBASA11 – AUGUST 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - AMC3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI2-AMC3302 Datasheet
1Mb / 38P
AMC3302 High-Precision, ±50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED JULY 2021
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302-Q1 TI2-AMC3302-Q1 Datasheet
1Mb / 38P
AMC3302 High-Precision, ±50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED JULY 2021
More results

Similar Description - AMC3302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1202 TI-AMC1202 Datasheet
1Mb / 32P
AMC1202 Precision, 짹50-mV Input, Basic Isolated Amplifier
SBASAB8 ??MAY 2021
AMC3311 TI-AMC3311 Datasheet
1Mb / 36P
AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com