Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 12Page - Texas Instruments AMC3302 Datasheet HTML 13Page - Texas Instruments AMC3302 Datasheet HTML 14Page - Texas Instruments AMC3302 Datasheet HTML 15Page - Texas Instruments AMC3302 Datasheet HTML 16Page - Texas Instruments AMC3302 Datasheet HTML 17Page - Texas Instruments AMC3302 Datasheet HTML 18Page - Texas Instruments AMC3302 Datasheet HTML 19Page - Texas Instruments AMC3302 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
9 Power Supply Recommendations
The AMC3302 is powered from the low-side power supply (VDD) with a nominal value of 3.3 V (or 5 V) ± 10%.
TI recommends a low-ESR decoupling capacitor of 1 nF (C8 in Figure 9-1) placed as close as possible to the
VDD pin, followed by a 1-µF capacitor (C9) to filter this power-supply path.
The primary-side of the DC/DC converter is decoupled with a low-ESR 100-nF capacitor (C4) positioned close to
the device between the DCDC_IN and DCDC_GND pins. Use a 1-µF capacitor (C2) to decouple the secondary
side in addition to a low-ESR, 1-nF capacitor (C3) placed as close as possible to the device and connected to
the DCDC_OUT and DCDC_HGND pins.
For the secondary-side LDO, use low-ESR capacitors of 1-nF (C6), placed as close as possible to the
AMC3302, followed by a 100-nF decoupling capacitor (C5).
The ground reference for the secondary-side (HGND) is derived from the terminal of the shunt resistor which is
connected to the negative input (INN) of the device. For best DC accuracy, use a separate trace to make this
connection instead of shorting HGND to INN directly at the device input. The high-side DC/DC ground terminal
(DCDC_HGND) is shorted to HGND directly at the device pins.
DCDC_OUT
Resonator
And
Driver
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
LDO
Rectifier
LDO
Diagnostics
DCDC_IN
DCDC_GND
LDO_OUT
VDD
OUTP
OUTN
GND
AMC3302
DIAG
NC
C2
1 µF
C6
1 nF
C5
100 nF
C3
1nF
C1
100 nF
R2
10 Ÿ
R4
10 Ÿ
C10
8.2 nF
C9
1 µF
C8
1 nF
C4
100 nF
R1
47 NŸ
3.3 V / 5 V supply
to ADC
to ADC
to MCU (optional)
GND
I
Figure 9-1. Decoupling the AMC3302
AMC3302
SBASA11 – AUGUST 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com