Electronic Components Datasheet Search
  English  ▼

X  

AMC3302 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3302
Description  AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3302 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AMC3302 Datasheet HTML 5Page - Texas Instruments AMC3302 Datasheet HTML 6Page - Texas Instruments AMC3302 Datasheet HTML 7Page - Texas Instruments AMC3302 Datasheet HTML 8Page - Texas Instruments AMC3302 Datasheet HTML 9Page - Texas Instruments AMC3302 Datasheet HTML 10Page - Texas Instruments AMC3302 Datasheet HTML 11Page - Texas Instruments AMC3302 Datasheet HTML 12Page - Texas Instruments AMC3302 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, INP = –50 mV to
+50 mV, INN = HGND = 0 V, and the external components listed in the Typical Application section; typical
specifications are at TA = 25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDCDCUV
DCDC output undervoltage detection
threshold voltage
DCDC output falling
2.1
2.25
V
VHLDOout High-side LDO output voltage
HLDO to HGND, up to 1 mA external load
3
3.2
3.4
V
VHLDOUV
High-side LDO output undervoltage
detection threshold voltage
HLDO output falling
2.4
2.6
V
IH
High-side supply current for auxiliary
circuitry
Load connected from HLDOout to HGND,
non-switching
1
mA
tAS
Analog settling time
VDD step to 3.0 V, to OUTP and OUTN
valid, 0.1% settling
0.9
1.4
ms
(1)
The typical value includes one standard deviation ("sigma") at nominal operating conditions.
6.10 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Output signal rise time
1.3
µs
tf
Output signal fall time
1.3
µs
VINx to VOUTx signal delay (50% - 10%)
Unfiltered output
1
1.5
µs
VINx to VOUTx signal delay (50% - 50%)
Unfiltered output
1.6
2.1
µs
VINx to VOUTx signal delay (50% - 90%)
Unfiltered output
2.5
3
µs
6.11 Timing Diagram
INP - INN
OUTN
50% - 10%
t
f
50% - 50%
50% - 90 %
OUTP
t
r
250 mV
250 mV
±
0
V
CMout
Figure 6-1. Rise, Fall, and Delay Time Waveforms
www.ti.com
AMC3302
SBASA11 – AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AMC3302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com