Electronic Components Datasheet Search
  English  ▼

X  

IL-13 Datasheet(PDF) 2 Page - Schaffner International Ltd

Part # IL-13
Description  Power Cord with Locking System for Inlet Filters IL 13, IL 13 P, IL 19
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

IL-13 Datasheet(HTML) 2 Page - Schaffner International Ltd

  IL-13 Datasheet HTML 1Page - Schaffner International Ltd IL-13 Datasheet HTML 2Page - Schaffner International Ltd IL-13 Datasheet HTML 3Page - Schaffner International Ltd IL-13 Datasheet HTML 4Page - Schaffner International Ltd IL-13 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
EMC/EMI Products
Schaffner Group
Datasheets
Cable selection table IL 13
IL 13-C14-H05-3100-X*
IEC cable assembly with locking system for IEC C14 inlet, EU version
IL 13-C14-SVT-3100-X*
IEC cable assembly with locking system for IEC C14 inlet, US version
IL 13-CH1-H05-3100-X*
IEC cable assembly with locking system for IEC C14 inlet, CH version
IL 13-EU1-H05-3100-X*
IEC cable assembly with locking system for IEC C14 inlet, EU version
IL 13-JP1-HVCTF-3125-X*
IEC cable assembly with locking system for IEC C14 inlet, JP version
IL 13-SE-H05-3100-X*
IEC cable assembly with locking system for IEC C14 inlet, stripped ends
IL 13-UK1-H05-3100-X*
IEC cable assembly with locking system for IEC C14 inlet, UK version
IL 13-US1-SVT-3100-X*
IEC cable assembly with locking system for IEC C14 inlet, US version
IL 13-US2-SJT-3100-X*
IEC cable assembly with locking system for IEC C14 inlet, US version, hospital grade
To compile a complete part number, please replace the X* with the required length (please refer to table below for available length per cable type):
- X* options = 200, 300, 400, 500 or 1000 cm; 183, 275 or 366 cm (6, 9 or 12 feet)
Available combinations IL 13
To compile a complete part number exchange the letters (IL13-yyy-zzz-aaaa-bbb-c) with the data from the table below.
Load side IL13
Line side plug
Cable type
Cable core
Rating
Cable length*
Cable color
Cert.
IL13
yyy
zzz
aaaa
bbb
c
IL13
IEC C13
Female plug,
straight, lock
IEC C14, male, straight
Australian plug 3 pins
SEV1011, straight
CEE 7/VII, right angled or straight
Italian Plug
Israel Plug
Korean Plug
South African Plug
Stripped Ends
BS1363, right angled fused 5A
BS1363, right angled fused 10A
C14
AU1
CH1
EU1
IT1
IL1
KC1
SA1
SE
UK1
UK2
H05VV-F
H05
3x1.00mm²
3100
250VAC
10A
6 feet
200 cm
9 feet
300 cm
12 feet
400 cm
500 cm
1000 cm
183
200
275
300
366
400
500
1000
Black
Blue
Orange
Red
White
-
B
O
R
W
CB
KC
KEMA
SAA
IL13
IEC C13
Female plug,
straight, lock
IEC C14, male, straight
Japanese Plug JIS C8303 insulated sleeves
Stripped Ends
C14
JP1
SE
HVCTF
HVCTF 3x1.25mm²
3x2.00mm²
3125
3200
125VAC
12A
15A
100 cm
200 cm
300 cm
400 cm
500 cm
100
200
300
400
500
Black
Blue
Orange
Red
White
-
B
O
R
W
PSE
IL13
IEC C13
Female plug,
straight, lock
IEC C14, male, straight
Stripped Ends
NEMA5-15, straight
NEMA5-15, straight, hospital grade
C14
SE
US1
US2
SJT
SVT
SJT
SVT
AWG 18
AWG 16
AWG 14
3100
3130
3160
125VAC
10A
13A
15A
6 feet
200 cm
9 feet
300 cm
12 feet
400 cm
500 cm
1000 cm
183
200
275
300
366
400
500
1000
Black
Blue
Orange
Red
White
-
B
O
R
W
UL
cUL
IL13
IEC C13
Female plug,
straight, lock
IEC C14, male, straight
Chinese plug
Stripped Ends
C14
CN1
SE
RVV
RVV
3x1.00mm²
3100
250VAC
10A
200 cm
200
Black
Blue
Orange
Red
White
-
B
O
R
W
CCC
IL13
IEC C13
Female plug,
straight, lock
IEC C14, male, straigh
Indian plug 3 Pin
Stripped Ends
C14
IN1
SE
IS 694
1000V
IS694
3x1.00mm²
3100
250VAC
10A
200 cm
200
Black
Blue
Orange
Red
White
-
B
O
R
W
CB
*feet values are calculated to the matching length in cm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com