Electronic Components Datasheet Search
  English  ▼

X  

IL-13 Datasheet(PDF) 4 Page - Schaffner International Ltd

Part # IL-13
Description  Power Cord with Locking System for Inlet Filters IL 13, IL 13 P, IL 19
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

IL-13 Datasheet(HTML) 4 Page - Schaffner International Ltd

  IL-13 Datasheet HTML 1Page - Schaffner International Ltd IL-13 Datasheet HTML 2Page - Schaffner International Ltd IL-13 Datasheet HTML 3Page - Schaffner International Ltd IL-13 Datasheet HTML 4Page - Schaffner International Ltd IL-13 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
EMC/EMI Products
Schaffner Group
Datasheets
Cable selection table IL 19
IL 19-C20-H05-3150-X*
IEC cable assembly with locking system for IEC C20 inlet, EU version
IL 19-C20-SJT-3160-X*
IEC cable assembly with locking system for IEC C20 inlet, US version
IL 19-EU1-H05-3150-X*
IEC cable assembly with locking system for IEC C20 inlet, EU version
IL 19-SE-H05-3150-X*
IEC cable assembly with locking system for IEC C20 inlet, stripped ends
IL 19-UK1-H05-3150-X*
IEC cable assembly with locking system for IEC C20 inlet, UK version
IL 19-US1-SJT-3160-X*
IEC cable assembly with locking system for IEC C20 inlet, US version
To compile a complete part number, please replace the X* with the required length (please refer to table below for available length per cable type):
- X* options = 200, 300, 400, 500 or 1000 cm; 183, 275 or 366 cm (6, 9 or 12 feet)
Available combinations IL 19
To compile a complete part number exchange the letters (IL19-yyy-zzz-aaaa-bbb-c) with the data from the table below.
Load side IL19
Line side plug
Cable type
Cable core
Rating*
Cable length**
Cable color
Cert.
IL19
yyy
zzz
aaaa
bbb
c
IL19
IEC C19
Female plug,
straight, lock
IEC C20, male, straight
Australian plug 3 pins
SEV1011, straight
CEE 7/VII, right angled or straight
Italian Plug
South Africa plug
Stripped Ends
BS1363, right angled fused 13A
C20
AU1
CH1
EU1
IT1
SA1
SE
UK1
H05VV-F
H05
3x1.50mm²
3150
16A
15A
16A
16A
16A
16A
16A
13A
6 feet
200 cm
9 feet
300 cm
12 feet
400 cm
500 cm
1000 cm
183
200
275
300
366
400
500
1000
Black
Blue
Orange
Red
White
-
B
O
R
W
CB
KEMA
SAA
IL19
IEC C19
Female plug,
straight, lock
IEC C20, male, straight
Japanese Plug JIS C8303 insulated sleeves
Stripped Ends
C20
JP1
SE
HVCTF
HVCTF
3x2.00mm²
3200
20A
100 cm
200 cm
300 cm
400 cm
500 cm
100
200
300
400
500
Black
Blue
Orange
Red
White
-
B
O
R
W
PSE
IL19
IEC C19
Female plug,
straight, lock
IEC C20, male, straight
Stripped Ends
NEMA5-15, straight
Nema 5-20P
C20
SE
US1
US4
SJT
SVT
SJT
SVT
AWG14
AWG12
3160
3205
125V
15A
20A
6 feet
200 cm
9 feet
300 cm
12 feet
400 cm
500 cm
1000 cm
183
200
275
300
366
400
500
1000
Black
Blue
Orange
Red
White
-
B
O
R
W
UL
cUL
IL19
IEC C19
Female plug,
straight, lock
Chinese plug
CN1 RVVF
RVVF
3x1.50mm²
3150 16A
200 cm
200
black
-
CCC
* if not seperately mentioned 250VAC is rated voltage
** feet values are calculated to the matching length in cm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com