Electronic Components Datasheet Search
  English  ▼

X  

IL-13 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # IL-13
Description  Power Cord with Locking System for Inlet Filters IL 13, IL 13 P, IL 19
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

IL-13 Datasheet(HTML) 1 Page - Schaffner International Ltd

  IL-13 Datasheet HTML 1Page - Schaffner International Ltd IL-13 Datasheet HTML 2Page - Schaffner International Ltd IL-13 Datasheet HTML 3Page - Schaffner International Ltd IL-13 Datasheet HTML 4Page - Schaffner International Ltd IL-13 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA
SHEET
Power Cords with Locking System
Power Cord with Locking System for Inlet Filters IL 13, IL 13 P, IL 19
Locking system for standardized IEC C14/C20
inlet filter
No accidental disconnection
Rated current up to 10 A (C13 plug), up to 15 A
(C13P plug), and up to 20 A (C19 plug)
Fits any Schaffner IEC C14/C20 inlet filter
Retrofit for any IEC C14/C20 inlet
Various power line plugs for international
usage
Technical specifications IL 13/IL 13 P
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Rated currents
10 A for C13 plug, 15 A for C13P plug
High potential test voltage
P–> PE 2000 VAC (1 min 50 Hz)
P –> N 2000 VAC (1 min 50 Hz)
Protection category
IP 20 according IEC 60529
Temperature range (operation and storage)
-25°C to +70°C
Connector (load side)
IEC C13 according to IEC/EN 60320-2-2 with IEC
Lock UL 498, CSA C22.2 no. 42 (for cold conditions)
pin temp. 70°C, up to 15 A, Protection Class I
Connector (line side) and cables
Please refer to table on page 2 and 3
Flammability corresponding to
Plugs: UL 94 V-2 or better; Cable: IEC 60332-1 Cat.
F2
Technical specifications IL 19
Maximum continuous operating voltage
250 VAC, 50/60 Hz
Rated currents
16 A (IEC), 20 A (UL)
Operating frequency
50 to 400 Hz
High potential test voltage
P–> PE 2000 VAC (1 min 50 Hz)
P –> N 2000 VAC (1 min 50 Hz)
Protection category
IP 20 according IEC 60529
Temperature range (operation and storage)
-25°C to +70°C
Connector (load side)
IEC C19 according to IEC/EN 60320-2-2 with IEC
lock, UL 498, CSA C22.2 no. 42 (for cold conditions)
pin temp. 70°C, up to 20 A, Protection Class I
Connector (line side) and cables
please refer to table on page 4
Flammability corresponding to
Plugs: UL 94 V-2 or better; Cable: IEC 60332-1 Cat.
F2
Approvals
The locking system has a tensile force of typical 200N.
It is recommended to use it with flange mount filters.
For details refer to our Application Note "Using IEC
Lock Power Cords with IEC Inlets and Filters"
Schaffner power cords with IEC lock guard against
accidental disconnection of all electrical appliances
with an IEC inlet. No exchange or modification of the
IEC inlet or IEC inlet filter system is needed. Easy
retrofit for all electronic equipments and devices.
Features and benefits
Power cord with locking system for IEC inlets
Protection class I (IL 13, IL 13 P)
Suitable for use with any C14 IEC inlet (IL 13, IL 13 P)
and C20 IEC inlet (IL 19)
Fits the complete Schaffner IEC inlet filter program
with C14 IEC inlet and C20 IEC inlet (IL 19)
Max. pin temperature 70°C
Typical applications
Data centers
Industrial equipment
Medical devices
In-vitro diagnostic devices
Broadcasting stations
Mobile applications


Similar Part No. - IL-13

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
IL-10-0001 SCHURTER-IL-10-0001 Datasheet
218Kb / 2P
Cost optimized pulse transformers for THT mounting
04.01.2022
IL-10-0002 SCHURTER-IL-10-0002 Datasheet
218Kb / 2P
Cost optimized pulse transformers for THT mounting
04.01.2022
IL-10-0003 SCHURTER-IL-10-0003 Datasheet
218Kb / 2P
Cost optimized pulse transformers for THT mounting
04.01.2022
logo
Japan Aviation Electron...
IL-10P-S3EN2 JAE-IL-10P-S3EN2 Datasheet
59Kb / 3P
2.5 mm pitch, single row, crimp Board to cable connector, 10 pos., Pin header
IL-10P-S3EN2-1 JAE-IL-10P-S3EN2-1 Datasheet
59Kb / 3P
2.5 mm pitch, single row, crimp Board to cable connector, 10 pos., Pin header
More results

Similar Description - IL-13

ManufacturerPart #DatasheetDescription
logo
LEDTRONICS, INC
L200CWRBGB1K-4C-IL LEDTRONICS-L200CWRBGB1K-4C-IL Datasheet
66Kb / 1P
L200CWRBGB1K-4C-IL
L200CWRGB1K-4A-IL LEDTRONICS-L200CWRGB1K-4A-IL Datasheet
74Kb / 1P
L200CWRGB1K-4A-IL
L200CWRGB1K-4C-IL LEDTRONICS-L200CWRGB1K-4C-IL Datasheet
65Kb / 1P
L200CWRGB1K-4C-IL
logo
Japan Aviation Electron...
IL-Z-5PL-SMTYE JAE-IL-Z-5PL-SMTYE Datasheet
135Kb / 1P
IL-Z-PL-SMTYE
logo
PHOENIX CONTACT
2861849 PHOENIX-2861849 Datasheet
166Kb / 5P
IB IL INC-PAC
2861852 PHOENIX-2861852 Datasheet
161Kb / 6P
IB IL CNT-PAC
2861865 PHOENIX-2861865 Datasheet
155Kb / 5P
IB IL SSI-PAC
logo
Japan Aviation Electron...
SJ022869 JAE-SJ022869 Datasheet
148Kb / 1P
IL-A05-5S-S3C1
REV 6
logo
PHOENIX CONTACT
1862194 PHOENIX-1862194 Datasheet
359Kb / 10P
SPTAF 1/13-3,5-IL - PCB terminal block
1862385 PHOENIX-1862385 Datasheet
354Kb / 10P
SPTAF 1/13-5,0-IL - PCB terminal block
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com