Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IDDFR Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 26 Page - Texas Instruments

Back Button TLV9352IDDFR Datasheet HTML 22Page - Texas Instruments TLV9352IDDFR Datasheet HTML 23Page - Texas Instruments TLV9352IDDFR Datasheet HTML 24Page - Texas Instruments TLV9352IDDFR Datasheet HTML 25Page - Texas Instruments TLV9352IDDFR Datasheet HTML 26Page - Texas Instruments TLV9352IDDFR Datasheet HTML 27Page - Texas Instruments TLV9352IDDFR Datasheet HTML 28Page - Texas Instruments TLV9352IDDFR Datasheet HTML 29Page - Texas Instruments TLV9352IDDFR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
–350 µV to 350 µV. At 4 σ (±1400 µV), 99.9937% of the distribution has an offset voltage less than ±1400 µV,
which means 0.0063% of the population is outside of these limits, which corresponds to about 1 in 15,873 units.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the TLV935x family has a maximum offset voltage of 1.8
mV at 125°C, and even though this corresponds to about 5 σ (≈1 in 1.7 million units), which is extremely unlikely,
TI assures that any unit with larger offset than 1.8 mV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for your application, and design worst-case conditions using this value. For example, the 6-
σ value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and could be an
option as a wide guardband to design a system around. In this case, the TLV935x family does not have a
maximum or minimum for offset voltage drift, but based on the typical value of 1.5 µV/°C in the Electrical
Characteristics table, it can be calculated that the 6-σ value for offset voltage drift is about 9 µV/°C. When
designing for worst-case system conditions, this value can be used to estimate the worst possible offset across
temperature without having an actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
7.4 Device Functional Modes
The TLV935x has a single functional mode and is operational when the power-supply voltage is greater than 4.5
V (±2.25 V). The maximum power supply voltage for the TLV935x is 40 V (±20 V).
TLV9351, TLV9352, TLV9354
SBOS994C – NOVEMBER 2019 – REVISED DECEMBER 2020
www.ti.com
26
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV9351 TLV9352 TLV9354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com