Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IDDFR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IDDFR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IDDFR Datasheet(HTML) 1 Page - Texas Instruments

  TLV9352IDDFR Datasheet HTML 1Page - Texas Instruments TLV9352IDDFR Datasheet HTML 2Page - Texas Instruments TLV9352IDDFR Datasheet HTML 3Page - Texas Instruments TLV9352IDDFR Datasheet HTML 4Page - Texas Instruments TLV9352IDDFR Datasheet HTML 5Page - Texas Instruments TLV9352IDDFR Datasheet HTML 6Page - Texas Instruments TLV9352IDDFR Datasheet HTML 7Page - Texas Instruments TLV9352IDDFR Datasheet HTML 8Page - Texas Instruments TLV9352IDDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier
for Cost-Sensitive Systems
1 Features
• Low offset voltage: ±350 µV
• Low offset voltage drift: ±1.5 µV/°C
• Low noise: 15 nV/√ Hz at 1 kHz
• High common-mode rejection: 110 dB
• Low bias current: ±10 pA
• Rail-to-rail output
• MUX-friendly/comparator inputs
– Amplifier operates with differential inputs up to
supply rail
– Amplifier can be used in open-loop or as
comparator
• Wide bandwidth: 3.5-MHz GBW
• High slew rate: 20 V/µs
• Low quiescent current: 600 µA per amplifier
• Wide supply: ±2.25 V to ±20 V, 4.5 V to 40 V
• Robust EMIRR performance: EMI/RFI filters on
input pins
• Differential and common-mode input voltage range
to supply rail
2 Applications
• AC and motor drive servo control module
• AC and motor drive power stage module
• Test and measurement equipment
• Programmable logic controllers
3 Description
The TLV935x family (TLV9351, TLV9352, and
TLV9354) is a family of 40-V cost-optimized
operational amplifiers.
These devices offer strong DC and AC specifications,
including rail-to-rail output, low offset (±350 µV, typ),
low offset drift (±1.5 µV/°C, typ), and 3.5-MHz
bandwidth.
Unique features such as differential input-voltage
range to the supply rail, high output current (±60 mA),
and high slew rate (20 V/µs) make the TLV935x a
robust operational amplifier for high-voltage, cost-
sensitive applications.
The TLV935x family of op amps is available in
standard packages and is specified from –40°C to
125°C.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
TLV9351
SOT-23 (5)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
TLV9352
SOIC (8)
4.90 mm × 3.90 mm
SOT-23 (8)
1.60 mm × 2.90 mm
TSSOP (8)
3.00 mm × 4.40 mm
VSSOP (8)(2)
3.00 mm × 3.00 mm
TLV9354
SOIC (14)
8.65 mm × 3.90 mm
TSSOP (14)
5.00 mm × 4.40 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
This package is preview only.
R
G
R
F
R
1
C
1
V
IN
V
OUT
= 1 +
V
V
OUT
IN
R
R
F
G
1
1 + sR C
1
1
(
((
(
1
2pR C
1
1
f
=
-
3 dB
TLV935x in a Single-Pole, Low-Pass Filter
www.ti.com
TLV9351, TLV9352, TLV9354
SBOS994C – NOVEMBER 2019 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: TLV9351 TLV9352 TLV9354
TLV9351, TLV9352, TLV9354
SBOS994C – NOVEMBER 2019 – REVISED DECEMBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV9352IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9352IDDFR TI1-TLV9352IDDFR Datasheet
2Mb / 45P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352IDDFR TI-TLV9352IDDFR Datasheet
3Mb / 52P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352IDDFR TI-TLV9352IDDFR Datasheet
3Mb / 53P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352IDDFR TI-TLV9352IDDFR Datasheet
4Mb / 59P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352IDDFR TI-TLV9352IDDFR Datasheet
4Mb / 63P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
JANUARY 2022
More results

Similar Description - TLV9352IDDFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV9352 TI1-TLV9352 Datasheet
963Kb / 34P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI1-TLV9352_V01 Datasheet
2Mb / 45P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9352 TI-TLV9352_V02 Datasheet
3Mb / 52P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351_V01 Datasheet
3Mb / 53P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9354-Q1 TI-TLV9354-Q1 Datasheet
2Mb / 37P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9352-Q1 TI-TLV9352-Q1 Datasheet
2Mb / 41P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9352-Q1 TI-TLV9352-Q1_V01 Datasheet
2Mb / 44P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351_V02 Datasheet
4Mb / 59P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
TLV9351-Q1 TI-TLV9351-Q1_V01 Datasheet
3Mb / 53P
TLV935x-Q1 3.5-MHz, 40-V, RRO, MUX-Friendly Automotive Operational Amplifier for Cost-Sensitive Systems
TLV9351 TI-TLV9351_V03 Datasheet
4Mb / 63P
TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
JANUARY 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com