Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IPWR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IPWR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IPWR Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLV9352IPWR Datasheet HTML 14Page - Texas Instruments TLV9352IPWR Datasheet HTML 15Page - Texas Instruments TLV9352IPWR Datasheet HTML 16Page - Texas Instruments TLV9352IPWR Datasheet HTML 17Page - Texas Instruments TLV9352IPWR Datasheet HTML 18Page - Texas Instruments TLV9352IPWR Datasheet HTML 19Page - Texas Instruments TLV9352IPWR Datasheet HTML 20Page - Texas Instruments TLV9352IPWR Datasheet HTML 21Page - Texas Instruments TLV9352IPWR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
7 Detailed Description
7.1 Overview
The TLV935x family (TLV9351, TLV9352, and TLV9354) is a family of 40-V, cost-optimized operational
amplifiers. These devices offer strong general-purpose DC and AC specifications, including rail-to-rail output, low
offset (±350 µV, typ), low offset drift (±1.5 µV/°C, typ), and 3.5-MHz bandwidth.
Convenient features such as wide differential input-voltage range, high output current (±60 mA), and high slew
rate (20 V/μs) make the TLV935x a robust operational amplifier for high-voltage, cost-sensitive applications.
The TLV935x family of op amps is available in standard packages and is specified from –40°C to 125°C.
7.2 Functional Block Diagram
Reference
Current
V+
V
IN+
V
INÛ
VÛ
(Ground)
V
BIAS2
V
BIAS1
Class AB
Control
Circuitry
V
O
TLV9351, TLV9352, TLV9354
SBOS994C – NOVEMBER 2019 – REVISED DECEMBER 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV9351 TLV9352 TLV9354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com