Electronic Components Datasheet Search
  English  ▼

X  

TLV9352IPWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9352IPWR
Description  TLV935x 3.5-MHz, 40-V, RRO, MUX-Friendly Operational Amplifier for Cost-Sensitive Systems
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9352IPWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLV9352IPWR Datasheet HTML 18Page - Texas Instruments TLV9352IPWR Datasheet HTML 19Page - Texas Instruments TLV9352IPWR Datasheet HTML 20Page - Texas Instruments TLV9352IPWR Datasheet HTML 21Page - Texas Instruments TLV9352IPWR Datasheet HTML 22Page - Texas Instruments TLV9352IPWR Datasheet HTML 23Page - Texas Instruments TLV9352IPWR Datasheet HTML 24Page - Texas Instruments TLV9352IPWR Datasheet HTML 25Page - Texas Instruments TLV9352IPWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
7.3.5 Capacitive Load and Stability
The TLV935x features a resistive output stage capable of driving smaller capacitive loads, and by leveraging an
isolation resistor, the device can easily be configured to drive large capacitive loads. Increasing the gain
enhances the ability of the amplifier to drive greater capacitive loads; see Figure 7-5 and Figure 7-6. The
particular op amp circuit configuration, layout, gain, and output loading are some of the factors to consider when
establishing whether an amplifier is stable in operation.
Cap Load (pF)
0
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
0
10
20
30
40
50
60
70
80
C008
RISO = 0 , Positive Overshoot
RISO = 0 , Negative Overshoot
RISO = 50 , Positive Overshoot
RISO = 50 , Negative Overshoot
Figure 7-5. Small-Signal Overshoot vs Capacitive
Load (100-mV Output Step, G = 1)
Cap Load (pF)
0
500 1000 1500 2000 2500 3000 3500 4000 4500 5000
0
10
20
30
40
50
60
C007
RISO = 0 , Positive Overshoot
RISO = 0 , Negative Overshoot
RISO = 50 , Positive Overshoot
RISO = 50 , Negative Overshoot
Figure 7-6. Small-Signal Overshoot vs Capacitive
Load (100-mV Output Step, G = –1)
For additional drive capability in unity-gain configurations, improve capacitive load drive by inserting a small (10
Ω to 20 Ω) resistor, RISO, in series with the output, as shown in Figure 7-7. This resistor significantly reduces
ringing and maintains DC performance for purely capacitive loads. However, if a resistive load is in parallel with
the capacitive load, then a voltage divider is created, thus introducing a gain error at the output and slightly
reducing the output swing. The error introduced is proportional to the ratio RISO / RL, and is generally negligible
at low output levels. A high capacitive load drive makes the TLV935x well suited for applications such as
reference buffers, MOSFET gate drives, and cable-shield drives. The circuit shown in Figure 7-7 uses an
isolation resistor, RISO, to stabilize the output of an op amp. RISO modifies the open-loop gain of the system for
increased phase margin. For additional information on techniques to optimize and design using this circuit, TI
Precision Design TIDU032 details complete design goals, simulation, and test results.
C
load
+
±
V
in
V
out
+V
s
R
iso
-V
s
Figure 7-7. Extending Capacitive Load Drive With the TLV9351
TLV9351, TLV9352, TLV9354
SBOS994C – NOVEMBER 2019 – REVISED DECEMBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TLV9351 TLV9352 TLV9354



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com