Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 1 Page - Texas Instruments

  XIO2001 Datasheet HTML 1Page - Texas Instruments XIO2001 Datasheet HTML 2Page - Texas Instruments XIO2001 Datasheet HTML 3Page - Texas Instruments XIO2001 Datasheet HTML 4Page - Texas Instruments XIO2001 Datasheet HTML 5Page - Texas Instruments XIO2001 Datasheet HTML 6Page - Texas Instruments XIO2001 Datasheet HTML 7Page - Texas Instruments XIO2001 Datasheet HTML 8Page - Texas Instruments XIO2001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 144 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
XIO2001 PCI Express to PCI Bus Translation Bridge
1
1 Features
1
•
Full ×1 PCI Express™ Throughput
•
Fully Compliant With PCI Express to PCI/PCI-X
Bridge Specification, Revision 1.0
•
Fully Compliant With PCI Express Base
Specification, Revision 2.0
•
Fully Compliant With PCI Local Bus Specification,
Revision 2.3
•
PCI Express Advanced Error Reporting Capability
Including ECRC Support
•
Support for D1, D2, D3hot, and D3cold
•
Active-State Link Power Management Saves
Power When Packet Activity on the PCI Express
Link is Idle, Using Both L0s and L1 States
•
Wake Event and Beacon Support
•
Error Forwarding Including PCI Express Data
Poisoning and PCI Bus Parity Errors
•
Uses 100-MHz Differential PCI Express Common
Reference Clock or 125-MHz Single-Ended,
Reference Clock
•
Optional Spread Spectrum Reference Clock is
Supported
•
Robust Pipeline Architecture to Minimize
Transaction Latency
•
Full PCI Local Bus 66-MHz/32-Bit Throughput
•
Support for Six Subordinate PCI Bus Masters with
Internal Configurable, 2-Level Prioritization
Scheme
•
Internal PCI Arbiter Supporting Up to 6 External
PCI Masters
•
Advanced PCI Express Message Signaled
Interrupt Generation for Serial IRQ Interrupts
•
External PCI Bus Arbiter Option
•
PCI Bus LOCK Support
•
JTAG/BS for Production Test
•
PCI-Express CLKREQ Support
•
Clock Run and Power Override Support
•
Six Buffered PCI Clock Outputs (25 MHz, 33 MHz,
50 MHz, or 66 MHz)
•
PCI Bus Interface 3.3-V and 5.0-V (25 MHz or
33 MHz only at 5.0 V) Tolerance Options
•
Integrated AUX Power Switch Drains VAUX Power
Only When Main Power Is Off
•
Five 3.3-V, Multifunction, General-Purpose I/O
Terminals
•
Memory-Mapped EEPROM Serial-Bus Controller
Supporting PCI Express Power Budget/Limit
Extensions for Add-In Cards
•
Compact Footprint, Lead-Free 144-Ball, ZAJ
MicroStar™ BGA, Lead-Free 169-Ball ZGU
MicroStar BGA, and PowerPad™ HTQFP 128-Pin
PNP Package
2 Applications
•
Consumer Applications:
–
PC
–
Notebooks
–
PCIe Add-In Cards
–
Multi-Function Printers
–
Network Routers and Switches
•
Industrial Applications
–
Industrial PCs
–
Video Surveillance Systems
3 Description
The XIO2001 is a single-function PCI Express to PCI
translation bridge that is fully compliant to the PCI
Express to PCI/PCI-X Bridge Specification, Revision
1.0. For downstream traffic, the bridge simultaneously
supports up to eight posted and four non-posted
transactions. For upstream traffic, up to six posted
and four non-posted transactions are simultaneously
supported.
The PCI Express interface is fully compliant to the
PCI Express Base Specification, Revision 2.0.
The PCI Express interface supports a ×1 link
operating at full 250 MB/s packet throughput in each
direction simultaneously. Also, the bridge supports
the advanced error reporting including extended CRC
(ECRC) as defined in the PCI Express Base
Specification. Supplemental firmware or software is
required to fully use both of these features.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
XIO2001
HTQFP (128)
14.00 mm × 14.00 mm
NFBGA (144)
7.00 mm × 7.00 mm
BGA MICROSTAR
(169)
12.00 mm × 12.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - XIO2001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
Express??to PCI Bus Translation Bridge
XIO2001 TI-XIO2001 Datasheet
1Mb / 128P
PCI Express??to PCI Bus Translation Bridge
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
PCI Express??to PCI Bus Translation Bridge
XIO2001 TI2-XIO2001 Datasheet
3Mb / 145P
XIO2001 PCI Express to PCI Bus Translation Bridge
REVISED JANUARY 2021
XIO2001IPNP TI-XIO2001IPNP Datasheet
1Mb / 131P
PCI Express??to PCI Bus Translation Bridge
More results

Similar Description - XIO2001

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XIO2000 TI-XIO2000 Datasheet
1Mb / 150P
XIO2000 PCI Express to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
TEXAS ADVANCED OPTOELEC...
XIO2000A TAOS-XIO2000A_08 Datasheet
1Mb / 159P
PCI Express to PCI Bus Translation Bridge
logo
Texas Instruments
XIO2001 TI-XIO2001 Datasheet
1Mb / 131P
Express??to PCI Bus Translation Bridge
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Texas Instruments
XIO2001 TI-XIO2001_10 Datasheet
1Mb / 128P
PCI Express??to PCI Bus Translation Bridge
XIO2001_101 TI-XIO2001_101 Datasheet
1Mb / 131P
PCI Express??to PCI Bus Translation Bridge
XIO2001 TI1-XIO2001_16 Datasheet
2Mb / 141P
PCI Express to PCI Bus Translation Bridge
XIO2000A TI1-XIO2000A_19 Datasheet
1Mb / 160P
PCI Express to PCI Bus Translation Bridge
XIO2000A TI-XIO2000A_V01 Datasheet
2Mb / 165P
XIO2000A/XIO2000AI PCI Express to PCI Bus Translation Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com