Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 16 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 12Page - Texas Instruments XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 144 page
background image
16
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
For more details, refer to TI application note IC Package Thermal Metrics (SPRA953).
6.4 Thermal Information
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PNP
θJA
Junction-to-free-air thermal
resistance
Low-K JEDEC test board, 1s (single signal layer), no air
flow
50.8
°C/W
High-K JEDEC test board, 2s2p (double signal layer,
double buried power plane), no air flow
24.9
θJC
Junction-to-case thermal resistance
Cu cold plate measurement process
18.9
°C/W
θJB
Junction-to-board thermal
resistance
EIA/JESD 51-8
14.6
°C/W
ψJT
Junction-to-top of package
EIA/JESD 51-2
0.26
°C/W
ψJB
Junction-to-board
EIA/JESD 51-6
7.93
°C/W
TA
Operating ambient temperature
range
XIO2001PNP
0
70
°C
XIO2001IPNP
–40
85
TJ
Virtual junction temperature
XIO2001PNP
0
105
°C
XIO2001IPNP
–40
105
ZAJ
θJA
Junction-to-free-air thermal
resistance
Low-K JEDEC test board, 1s (single signal layer), no air
flow
82
°C/W
High-K JEDEC test board, 2s2p (double signal layer,
double buried power plane), no air flow
58.8
θJC
Junction-to-case thermal resistance
Cu cold plate measurement process
19
°C/W
θJB
Junction-to-board thermal
resistance
EIA/JESD 51-8
32
°C/W
ψJT
Junction-to-top of package
EIA/JESD 51-2
0.5
°C/W
ψJB
Junction-to-board
EIA/JESD 51-6
30
°C/W
TA
Operating ambient temperature
range
XIO2001ZGU
0
70
°C
XIO2001IZGU
–40
85
TJ
Virtual junction temperature
XIO2001ZGU
0
105
°C
XIO2001IZGU
–40
105
ZGU
θJA
Junction-to-free-air thermal
resistance
Low-K JEDEC test board, 1s (single signal layer), no air
flow
85
°C/W
High-K JEDEC test board, 2s2p (double signal layer,
double buried power plane), no air flow
48.3
θJC
Junction-to-case thermal resistance
Cu cold plate measurement process
8.5
°C/W
θJB
Junction-to-board thermal
resistance
EIA/JESD 51-8
25.4
°C/W
ψJT
Junction-to-top of package
EIA/JESD 51-2
0.5
°C/W
ψJB
Junction-to-board
EIA/JESD 51-6
24
°C/W
TA
Operating ambient temperature
range
XIO2001ZGU
0
70
°C
XIO2001IZGU
–40
85
TJ
Virtual junction temperature
XIO2001ZGU
0
105
°C
XIO2001IZGU
–40
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com