Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 17 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 13Page - Texas Instruments XIO2001 Datasheet HTML 14Page - Texas Instruments XIO2001 Datasheet HTML 15Page - Texas Instruments XIO2001 Datasheet HTML 16Page - Texas Instruments XIO2001 Datasheet HTML 17Page - Texas Instruments XIO2001 Datasheet HTML 18Page - Texas Instruments XIO2001 Datasheet HTML 19Page - Texas Instruments XIO2001 Datasheet HTML 20Page - Texas Instruments XIO2001 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 144 page
background image
17
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
(1)
D0 idle power state: Downstream PCI device is in PCI state D0. Downstream device driver is loaded. Downstream device is not actively
transferring data.
D0 active power state: Downstream PCI device is in PCI state D0. Downstream device driver is loaded. Downstream device is acitvely
transferring data (worst case scenario).
6.5 Nominal Power Consumption
DEVICES
POWER STATE(1)
VOLTS
AMPERES
WATTS
No downstream PCI devices
D0 idle
1.5
0.147
0.221
3.3
0.062
0.205
TOTALS:
0.209
0.426
One downstream PCI device
D0 idle
1.5
0.148
0.222
3.3
0.077
0.254
TOTALS:
0.225
0.476
One downstream PCI device
D0 active
1.5
0.157
0.236
3.3
0.165
0.545
TOTALS:
0.322
0.780
One downstream (max voltage)
D0 active
1.65
0.168
0.277
3.6
0.188
0.677
TOTALS:
0.356
0.954
(1)
SCC permits a 0, –5000 ppm modulation of the clock frequency at a modulation rate not to exceed 33 kHz.
(2)
Measurements at 2.5 GT/s require a scope with at least 6.2 GHz bandwidth. 2.5 GT/s may be measured within 200 mils of Tx device's
pins, although deconvolution is recommended.
(3)
Transmitter jitter is measured by driving the transmitter under test with a low jitter "ideal" clock and connecting the DUT to a reference
board.
(4)
Transmitter raw jitter data must be convolved with a filtering function that represents the worst case CDR tracking BW. After the
convolution process has been applied, the center of the resulting eye must be determined and used as a reference point for obtaining
eye voltage and margins.
(5)
The Tx PLL Bandwidth must lie between the min and max ranges given in the above table. PLL peaking must lie below the value listed
above. Note: the PLL B/W extends from zero up to the value(s) specified in the above table.
(6)
A single combination of PLL BW and peaking is specified for 2.5 GT/s implemenations.
6.6 PCI Express Differential Transmitter Output Ranges
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
UI(1)
Unit interval
TXP, TXN
399.88
400
400.12
ps
Each UI is 400 ps ±300 ppm. UI does not account for SSC
dictated variations.
VTX-DIFF-PP
Differential peak-to-peak output voltage
TXP, TXN
0.8
1.2
V
VTX-DIFF-PP = 2*|VTXP – VTXN|
VTX-DIFF-PP-LOW
Low-power differential peak-to-peak TX
voltage swing
TXP, TXN
0.4
1.2
V
VTX-DIFF-PP = 2*|VTXP – VTXN|
VTX-DE-RATIO-3.5dB
TX de-emphasis level ratio
TXP, TXN
3
4
dB
This is the ratio of the VTX-DIFF-PP of the second and
following bits after a transition divided by the VTX-DIFF-PP of
the first bit after a transition.
TTX-EYE
(2) (3) (4)
Minimum TX eye width
TXP, TXN
0.75
UI
Does not include SSC or RefCLK jitter. Includes Rj at 10
–12.
TTX-EYE-MEDIAN-to-MAX-JITTER
(2)
Maximum time between the jitter median
and maximum deviation from the median
TXP, TXN
0.125
UI
Measured differentially at zero crossing points after
applying the 2.5 GT/s clock recovery function.
TTX-RISE-FALL
(2)
TX output rise/fall time
TXP, TXN
0.125
UI
Measured differentially from 20% to 80% of swing.
BWTX-PLL
(5)
Maximum TX PLL bandwidth
TXP, TXN
22
MHz
Second order PLL jitter transfer bounding function.
BWTX-PLL-LO-3DB
(5) (6)
Minimum TX PLL bandwidth
TXP, TXN
1.5
MHz
Second order PLL jitter transfer bounding function.
RLTX-DIFF
Tx package plus Si differential return
loss
TXP, TXN
10
dB
RLTX-CM
Tx package plus Si common mode return
loss
TXP, TXN
6
dB
Measured over 0.05–1.25 GHz range
ZTX-DIFF_DC
DC differential TX impedance
TXP, TXN
80
120
Ω
Low impedance defined during signaling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com