Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 118 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 114Page - Texas Instruments XIO2001 Datasheet HTML 115Page - Texas Instruments XIO2001 Datasheet HTML 116Page - Texas Instruments XIO2001 Datasheet HTML 117Page - Texas Instruments XIO2001 Datasheet HTML 118Page - Texas Instruments XIO2001 Datasheet HTML 119Page - Texas Instruments XIO2001 Datasheet HTML 120Page - Texas Instruments XIO2001 Datasheet HTML 121Page - Texas Instruments XIO2001 Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 144 page
background image
118
XIO2001
SCPS212I – MAY 2009 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Typical Application (continued)
•
SERIRQ is an optional PCI bus signal. When PERST is de-asserted, if a pullup resistor to VCCP is detected
on terminal M08, the serial IRQ interface is enabled. A pulldown resistor to V SS disables this feature. If
SERIRQ is present in a system, it is connected to each PCI bus device that supports the feature and must
meet PCI bus loading requirements for the selected clock frequency. An approved PCI bus pullup resistor to
VCCP is required to keep this signal from floating. SERIRQ is a bused signal and synchronous to the PCI bus
clock. All synchronous PCI bus signals must be length matched to meet clock setup and hold requirements.
NOTE
SERIRQ does not support serialized PCI interrupts and is used for serializing the 16 ISA
interrupts.
•
CLKRUN is an optional PCI bus signal that is shared with the GPIO0 pin. When PERST is de-asserted and if
a pullup resistor to VDD_33 is detected on pin C11 (CLKRUN_EN), the clock run feature is enabled. If CLKRUN
is required in a system, this pin is connected to each PCI bus device and must meet PCI bus loading
requirements for the selected clock frequency. An approved PCI bus pullup resistor to VDD_33 is required per
the PCI Mobile Design Guide . CLKRUN is a bused signal and synchronous to the PCI bus clock. All
synchronous PCI bus signals must be length matched to meet clock setup and hold requirements.
NOTE
If CLKRUN is used in a system, it must be supported by all devices attached to the PCI
bus; if a device that does not support CLKRUN is attached to a bus where it is enabled,
there is a danger that it will not be able to have a clock when it requires one.
•
PWR_OVRD is an optional PCI bus signal that is shared with the GPIO1 terminal. In PWR_OVRD mode, this
pin is always an output and is asynchronous to the PCI bus clock. When the power override control bits in the
general control register at offset D4h are set to 001b or 011b, the M09 pin operates as the PWR_OVRD
signal. Prior to setting the power override control bits, the GPIO1 // PWR_OVRD pin defaults to a standard
GPIO pin.
•
PME is an optional PCI bus input terminal to detect power management events from downstream devices.
The PME terminal is operational during both main power states and VAUX states. The PME receiver has
hysteresis and expects an asynchronous input signal. The board design requirements associated with this
PME terminal are the same whether or not the terminal is connected to a downstream device. If the system
includes a VAUX supply, the PME terminal requires a weak pullup resistor connected to VAUX to keep the
terminal from floating. If no VAUX supply is present, the pullup resistor is connected to VDD_33.
•
The bridge supports external PCI bus clock sources. If an external clock is a system requirement, the external
clock source is connected to the CLK terminal. The trace length relationship between the synchronous bus
signals and the external clock signals that is previously described is still required to meet PCI bus setup and
hold. For external clock mode, all seven CLKOUT[6:0] terminals can be disabled using the clock control
register at offset D8h. Plus, the XIO2001 clock run feature must be disabled with external PCI bus clocks
because there is no method of turning off external clocks.
NOTE
If an external clock with a frequency higher than 33 MHz is used, the M66EN terminal
must be pulled up for the XIO2001 to function correctly.
•
The XIO2001 supports an external PCI bus arbiter. When PERST is deasserted, the logic state of the
EXT_ARB_EN pin is checked. If an external arbiter is required, EXT_ARB_EN is connected to VDD_33. When
connecting the XIO2001 to an external arbiter, the external arbiter’s REQ signal is connected to the XIO2001
0 GNT output terminal. Likewise, the GNT signal from the external arbiter is connected to the XIO2001 0
REQ input pin. Unused REQ signals on the XIO2001 should be tied together and connected to VCCP through
a pull-up resistor. When in external arbiter mode, all internal XIO2001 port arbitration features are disabled.
Figure 26 illustrates the connectivity of an external arbiter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com