Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 127 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 127 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 123Page - Texas Instruments XIO2001 Datasheet HTML 124Page - Texas Instruments XIO2001 Datasheet HTML 125Page - Texas Instruments XIO2001 Datasheet HTML 126Page - Texas Instruments XIO2001 Datasheet HTML 127Page - Texas Instruments XIO2001 Datasheet HTML 128Page - Texas Instruments XIO2001 Datasheet HTML 129Page - Texas Instruments XIO2001 Datasheet HTML 130Page - Texas Instruments XIO2001 Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 144 page
background image
127
XIO2001
www.ti.com
SCPS212I – MAY 2009 – REVISED JANUARY 2016
Product Folder Links: XIO2001
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
9.4 Power Supply Recommendations
9.4.1 1.5-V and 3.3-V Digital Supplies
The XIO2001 requires both 1.5-V and 3.3-V digital power. The 1.5-V pins are named VDD_15. These pins supply
power to the digital core. The 1.5-V core allows for a significant reduction in both power consumption and logic
switching noise. The 3.3-V pins are named VDD_33 and supply power to most of the input and output cells. Both
the VDD_15 and VDD_33 supplies must have 0.1-μF bypass capacitors to VSS (ground) in order for proper
operation. The recommendation is one capacitor for each power pin. When placing and connecting all bypass
capacitors, high-speed board design rules must be followed.
9.4.2 1.5-V and 3.3-V Analog Supplies
Both 1.5-V and 3.3-V analog power is required by the XIO2001. Since circuit noise on the analog power
terminals must be minimized, a Pi filter is recommended. All VDDA_15 pins must be connected together and
share one Pi filter. All VDDA_33 terminals must be connected together and share a second Pi filter.
Both the 1.5-V and 3.3-V analog supplies must have 0.1-
μF bypass capacitors connected to VSSA (ground) in
order for proper operation. The recommendation is one capacitor for each power terminal. In addition, one 1000-
pF capacitor per Pi filter is recommended. This 1000-pF capacitor is attached to the device side of the Pi filter
and to VSSA (ground). High-speed board design rules must be followed when connecting bypass capacitors to
VDDA and VSSA.
9.4.3 1.5-V PLL Supply
The XIO2001 requires a 1.5-V power supply for the internal PLL (VDDPLL_15). Circuit noise on PLL power must
be minimized. A Pi-filter with a 200-mA inductor and 220
Ω @ 100 MHz is recommended for this terminal. The
PLL power must have a 0.1-
μ F bypass capacitor connected to VSS. In addition, a 1000- pF capacitor per Pi-filter
is recommended, this 1000-pF capacitor is attached to the device side of the Pi- filter and to VSSA (analog-
ground).
9.4.4 Power-Up/Down Sequencing
NOTE
The power sequencing recommendations in this section exclude the VDD_33_AUX terminal.
All XIO2001 analog and digital power pins must be controlled during the power-up and power-down sequence.
Absolute maximum power pin ratings must not be exceeded to prevent damaging the device. All power pins must
remain within 3.6 V to prevent damaging the XIO2001.
9.4.5 Power Supply Filtering Recommendations
To meet the PCI-Express jitter specifications, low-noise power supplies are required on several of the XIO2001
voltage terminals. The power terminals that require low-noise power include VDDA_15 and VDDA_33. This section
provides guidelines for the filter design to create low-noise power sources.
The least expensive solution for low-noise power sources is to filter existing 3.3-V and 1.5-V power supplies. This
solution requires analysis of the noise frequencies present on the power supplies. The XIO2001 has external
interfaces operating at clock rates of 25 MHz, 33 MHz, 50 MHz, 66 MHz, 100 MHz, 125 MHz, and 2.5 GHz.
Other devices located near the XIO2001 may produce switching noise at different frequencies. Also, the power
supplies that generate the 3.3 V and 1.5 V power rails may add low frequency ripple noise. Linear regulators
have feedback loops that typically operate in the 100 kHz range. Switching power supplies typically have
operating frequencies in the 500 KHz range. When analyzing power supply noise frequencies, the first, third, and
fifth harmonic of every clock source should be considered.
Critical analog circuits within the XIO2001 must be shielded from this power supply noise. The fundamental
requirement for a filter design is to reduce power supply noise to a peak-to-peak amplitude of less than 25 mV.
This maximum noise amplitude should apply to all frequencies from 0 Hz to 12.5 GHz.
The following information should be considered when designing a power supply filter:
•
Ideally, the series resonance frequency for each filter component should be greater than the fifth harmonic of
the maximum clock frequency. With a maximum clock frequency of 1.25 GHz, the third harmonic is 3.75 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com