Electronic Components Datasheet Search
  English  ▼

X  

XIO2001 Datasheet(PDF) 139 Page - Texas Instruments

Click here to check the latest version.
Part # XIO2001
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XIO2001 Datasheet(HTML) 139 Page - Texas Instruments

Back Button XIO2001 Datasheet HTML 135Page - Texas Instruments XIO2001 Datasheet HTML 136Page - Texas Instruments XIO2001 Datasheet HTML 137Page - Texas Instruments XIO2001 Datasheet HTML 138Page - Texas Instruments XIO2001 Datasheet HTML 139Page - Texas Instruments XIO2001 Datasheet HTML 140Page - Texas Instruments XIO2001 Datasheet HTML 141Page - Texas Instruments XIO2001 Datasheet HTML 142Page - Texas Instruments XIO2001 Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 144 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
169X (
)
0.4
(0.8) TYP
(0.8) TYP
(
)
METAL
0.4
0.05 MAX
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
(
)
SOLDER MASK
OPENING
0.4
0.05 MIN
PBGA - 1.4 mm max height
ZWS0169A
PLASTIC BALL GRID ARRAY
4221886/B 09/2015
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For information, see Texas Instruments literature number SSZA002 (www.ti.com/lit/ssza002).
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:8X
1
2 3
4
5
6
7
8
9
10 11
B
A
C
D
E
F
G
H
J
K
L
M
N
12 13
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com