Electronic Components Datasheet Search
  English  ▼

X  

IRK320 Datasheet(PDF) 4 Page - International Rectifier

Part # IRK320
Description  MAGN-A-pak Power Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK320 Datasheet(HTML) 4 Page - International Rectifier

  IRK320 Datasheet HTML 1Page - International Rectifier IRK320 Datasheet HTML 2Page - International Rectifier IRK320 Datasheet HTML 3Page - International Rectifier IRK320 Datasheet HTML 4Page - International Rectifier IRK320 Datasheet HTML 5Page - International Rectifier IRK320 Datasheet HTML 6Page - International Rectifier IRK320 Datasheet HTML 7Page - International Rectifier IRK320 Datasheet HTML 8Page - International Rectifier IRK320 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
- All dimensions in millimeters (inches)
- Dimensions are nominal
- Full engineering drawings are available on request
- UL identification number for cathode wire: UL 1385
- UL identification number for package: UL 94V0
Outline Table
IRKD...
IRKC...
IRKJ...
IRKE...
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
80
90
100
110
120
130
140
150
0
50
100 150 200 250 300 350 400
DC
30
60
90
120
180
C ond uc tion Period
A ve rag e Forw ard C urre n t (A)
IRK .250.. Se rie s
R
(D C ) = 0.16 K /W
thJC
80
90
100
110
120
130
140
150
0
50
100
150
200
250
300
30
60
90
120
180
Cond uctio n Ang le
A ve rag e Forw ard C urre n t (A)
IRK .250.. Se rie s
R
(D C ) = 0.16 K /W
thJC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com