Electronic Components Datasheet Search
  English  ▼

X  

IRK320 Datasheet(PDF) 7 Page - International Rectifier

Part # IRK320
Description  MAGN-A-pak Power Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK320 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRK320 Datasheet HTML 3Page - International Rectifier IRK320 Datasheet HTML 4Page - International Rectifier IRK320 Datasheet HTML 5Page - International Rectifier IRK320 Datasheet HTML 6Page - International Rectifier IRK320 Datasheet HTML 7Page - International Rectifier IRK320 Datasheet HTML 8Page - International Rectifier IRK320 Datasheet HTML 9Page - International Rectifier IRK320 Datasheet HTML 10Page - International Rectifier IRK320 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 12 - Current Ratings Characteristics
Fig. 13 - Current Ratings Characteristics
Fig. 14 - Forward Power Loss Characteristics
Fig. 15 - Forward Power Loss Characteristics
Fig. 16 - Forward Power Loss Characteristics
80
90
100
110
120
130
140
150
0
50
100
150
200
250
300
30
60
90
120
180
Conduc tio n Ang le
Averag e Forw ard Curre n t (A )
IRK .270.. Se rie s
R
(D C) = 0.125 K /W
thJC
80
90
100
110
120
130
140
150
0
100
200
300
400
500
DC
30
60
90
120
180
C o nd uc tion P eriod
A ve rag e Forw ard C urre n t (A)
IRK .270.. Se rie s
R
(D C ) = 0.125 K /W
thJC
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
A ve rag e Fo rw ard C urre n t (A )
RM S Lim it
Co nd uc tio n An g le
180
120
90
60
30
IR K .270.. Se rie s
T = 150 C
J
0
50
100
150
200
250
300
350
400
450
500
0
50 100 150 200 250 300 350 400 450
DC
180
120
90
60
30
A ve rag e Fo rw ard C urre n t (A )
RM S Lim it
C o nd uction P eriod
IRK .270.. Se rie s
T = 150 C
J
0
25
50
75
100
125
150
0 .2
5 K
/W
0.3
K /W
0.1
K/
W
0.1
6
K/W
0.4 K
/W
M a ximum A llo w a b le A m bie n t Te mp e rature ( C )
0.0
6
K/
W
0 .6 K/W
0
100
200
300
400
500
600
700
0
50
100
150
200
250 300 350
400
DC
180
(Sin e )
To ta l R M S Ou tp ut C urrent (A )
IRK .270.. Serie s
Pe r Junc tion
T = 150 C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com