Electronic Components Datasheet Search
  English  ▼

X  

IRK320 Datasheet(PDF) 9 Page - International Rectifier

Part # IRK320
Description  MAGN-A-pak Power Modules
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK320 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRK320 Datasheet HTML 3Page - International Rectifier IRK320 Datasheet HTML 4Page - International Rectifier IRK320 Datasheet HTML 5Page - International Rectifier IRK320 Datasheet HTML 6Page - International Rectifier IRK320 Datasheet HTML 7Page - International Rectifier IRK320 Datasheet HTML 8Page - International Rectifier IRK320 Datasheet HTML 9Page - International Rectifier IRK320 Datasheet HTML 10Page - International Rectifier IRK320 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
www.irf.com
IRK.250, .270, .320 Series
Bulletin I27090 rev. C 05/02
Fig. 21 - Forward Voltage Drop Characteristics
Fig. 22 - Thermal Impedance Z
thJC Characteristics
Fig. 23 - Current Ratings Characteristics
Fig. 24 - Current Ratings Characteristics
10
100
1000
10000
0.51
1.52
2.53
3.54
T = 25 C
J
In stan ta n e o us F o rw ard V o ltag e (V )
T = 150 C
J
IRK.270.. Series
Per Junctio n
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
Squ a re W a ve Pulse D ura tio n (s)
Ste a d y Sta te V a lue :
R
= 0.45 K /W
(D C O p e ra tio n )
thJC
IR K.270.. Series
Per Jun ctio n
80
90
100
110
120
130
140
150
0
50
100
150
200
250
300
350
30
60
90
120
180
Cond uc tio n Ang le
Avera ge Fo rw ard C urrent (A )
IRK .320.. Se rie s
R
(D C ) = 0.125 K /W
thJ C
80
90
100
110
120
130
140
150
0
100
200
300
400
500
600
DC
30
60
90
120
180
C ond uction P e riod
Averag e Fo rw ard C urrent (A )
IRK .320.. Se rie s
R
(D C ) = 0.125 K /W
thJC
Fig. 25 - Forward Power Loss Characteristics
Fig. 26 - Forward Power Loss Characteristics
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
A ve rag e Fo rw ard C urre n t (A )
RM S Lim it
Cond uc tio n A n g le
180
120
90
60
30
IRK .320.. Se rie s
T = 150 C
J
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
600
DC
180
120
90
60
30
RMS Lim it
Cond u c tion Pe riod
A ve rag e Fo rw ard C u rre n t (A )
IRK.32 0.. Series
Per Jun ctio n
T
= 150 C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com