Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2016 Datasheet HTML 1Page - Maxim Integrated Products MAX2016 Datasheet HTML 2Page - Maxim Integrated Products MAX2016 Datasheet HTML 3Page - Maxim Integrated Products MAX2016 Datasheet HTML 4Page - Maxim Integrated Products MAX2016 Datasheet HTML 5Page - Maxim Integrated Products MAX2016 Datasheet HTML 6Page - Maxim Integrated Products MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX2016 dual logarithmic detector/controller is a
fully integrated system designed for measuring and
comparing power, gain/loss, and voltage standing-wave
ratio (VSWR) of two incoming RF signals. An internal
broadband impedance match on the two differential RF
input ports allows for the simultaneous monitoring of sig-
nals ranging from low frequency to 2.5GHz.
The MAX2016 uses a pair of logarithmic amplifiers to
detect and compare the power levels of two RF input
signals. The device internally subtracts one power level
from the other to provide a DC output voltage that is pro-
portional to the power difference (gain). The MAX2016
can also measure the return loss/VSWR of an RF signal
by monitoring the incident and reflected power levels
associated with any given load. A window detector is
easily implemented by using the on-chip comparators,
OR gate, and 2V reference. This combination of circuitry
provides an automatic indication of when the measured
gain is outside a programmable range. Alarm monitoring
can thus be implemented for detecting high-VSWR
states (such as open or shorted loads).
The MAX2016 operates from a single +2.7V to +5.25V*
power supply and is specified over the extended -40°C
to +85°C temperature range. The MAX2016 is available
in a space-saving, 5mm x 5mm, 28-pin thin QFN.
Applications
Return Loss/VSWR Measurements
Dual-Channel RF Power Measurements
Dual-Channel Precision AGC/RF Power Control
Log Ratio Function for RF Signals
Remote System Monitoring and Diagnostics
Cellular Base Station, Microwave Link, Radar,
and other Military Applications
RF/IF Power Amplifier (PA) Linearization
Features
♦ Complete Gain and VSWR Detector/Controller
♦ Dual-Channel RF Power Detector/Controller
♦ Low-Frequency to 2.5GHz Frequency Range
♦ Exceptional Accuracy Over Temperature
♦ High 80dB Dynamic Range
♦ 2.7V to 5.25V Supply Voltage Range*
♦ Internal 2V Reference
♦ Scaling Stable Over Supply and Temperature
Variations
♦ Controller Mode with Error Output
♦ Available in 5mm x 5mm 28-Pin Thin QFN
Package
*See Power-Supply Connection section.
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
________________________________________________________________ Maxim Integrated Products
1
FA1
1
VCC 2
RFINA+
3
RFINA-
4
GND
5
COUTH
6
CSETH
7
FB1
21
VCC
20
RFINB+
19
RFINB-
18
GND
17
COUTL
16
CSETL
15
8
9
10
11
12
13
14
28
27
26
25
24
23
22
MAX2016
THIN QFN
Pin Configuration
Ordering Information
19-3404; Rev 0; 9/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX2016ETI
-40
°C to +85°C
28 Thin QFN-EP*,
bulk
T2855-3
MAX2016ETI-T
-40
°C to +85°C
28 Thin QFN-EP*,
T/R
T2855-3
MAX2016ETI+D
-40
°C to +85°C
28 Thin QFN-EP*,
lead free, bulk
T2855-3
MAX2016ETI+TD -40
°C to +85°C
28 Thin QFN-EP*,
lead free, T/R
T2855-3
*EP = Exposed pad.
+ = Lead free.
D = Dry pack.
Typical Application Circuit appears at end of data sheet.


Similar Part No. - MAX2016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2016 MAXIM-MAX2016 Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016 MAXIM-MAX2016 Datasheet
226Kb / 9P
Evaluation Kit
Rev 1; 12/06
MAX2016ETI MAXIM-MAX2016ETI Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI+D MAXIM-MAX2016ETI+D Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
MAX2016ETI+TD MAXIM-MAX2016ETI+TD Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
More results

Similar Description - MAX2016

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2015 MAXIM-MAX2015 Datasheet
628Kb / 10P
0.1GHz to 2.5GHz, 75dB Logarithmic Detector/Controller
19-2998; Rev 1; 12/03
MAX2014 MAXIM-MAX2014 Datasheet
277Kb / 10P
50MHz to 1000MHz, 75dB Logarithmic Detector/Controller
Rev 0; 6/06
MAX2015 MAXIM-MAX2015_07 Datasheet
587Kb / 13P
0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller
Rev 2; 2/07
MAX2016 MAXIM-MAX2016_06 Datasheet
934Kb / 20P
LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
Rev 1; 10/06
logo
Analog Devices
AD8318 AD-AD8318_17 Datasheet
2Mb / 24P
Logarithmic Detector/Controller
Dec-2017
ADL5513 AD-ADL5513_17 Datasheet
1Mb / 25P
Logarithmic Detector/Controller
8/2017-Rev. 0 to Rev. A
HMC600LP4 AD-HMC600LP4 Datasheet
503Kb / 8P
LOGARITHMIC DETECTOR / CONTROLLER
HMC611LP4 AD-HMC611LP4 Datasheet
716Kb / 12P
LOGARITHMIC DETECTOR / CONTROLLER
HMC612LP4 AD-HMC612LP4 Datasheet
694Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
HMC713MS8 AD-HMC713MS8 Datasheet
939Kb / 10P
LOGARITHMIC DETECTOR / CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com