Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX2016 Datasheet HTML 1Page - Maxim Integrated Products MAX2016 Datasheet HTML 2Page - Maxim Integrated Products MAX2016 Datasheet HTML 3Page - Maxim Integrated Products MAX2016 Datasheet HTML 4Page - Maxim Integrated Products MAX2016 Datasheet HTML 5Page - Maxim Integrated Products MAX2016 Datasheet HTML 6Page - Maxim Integrated Products MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RSSI MODE—2.17GHz
RF Input Power Range
(Note 2)
-52 to
+12
dBm
±3dB Dynamic Range
TA = -20°C to +85°C (Note 3)
64
dB
Range Center
-25
dBm
TA = +25°C to +85°C
+0.0135
Temperature Sensitivity
PRFINA = PRFINB =
-25dBm
TA = +25°C to -20°C
-0.0135
dB/°C
Slope
(Note 4)
17.8
mV/dB
Typical Slope Variation
TA = -20°C to +85°C
-8
µV/°C
Intercept
(Note 5)
-81
dBm
Typical Intercept Variation
TA = -20°C to +85°C
0.03
dBm/°C
RSSI MODE—2.5GHz
RF Input Power Range
(Note 2)
-45 to
+7
dBm
±3dB Dynamic Range
TA = -20°C to +85°C (Note 3)
52
dB
Range Center
-23
dBm
TA = +25°C to +85°C
+0.0167
Temperature Sensitivity
PRFINA = PRFINB =
-23dBm
TA = +25°C to -20°C
-0.0167
dB/°C
Slope
(Note 4)
17.8
mV/dB
Typical Slope Variation
TA = -20°C to +85°C
-8
µV/°C
Intercept
(Note 5)
-80
dBm
Typical Intercept Variation
TA = -20°C to +85°C
0.03
dBm/°C
AC ELECTRICAL CHARACTERISTICS—OUTA AND OUTB (continued)
(Typical Application Circuit, VCC = +2.7V to +3.3V, R1 = R2 = R3 = 0
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VCC = 3.3V, CSETL = CSETH = VCC, TA = +25°C, unless otherwise noted.) (Note 1)
AC ELECTRICAL CHARACTERISTICS—OUTD
(Typical Application Circuit, VCC = +2.7V to +3.3V, R1 = R2 = R3 = 0
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VCC = 3.3V, CSETL = CSETH = VCC, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OUTD Center Point
PRFINA = PRFINB
1V
Small-Signal Envelope Bandwidth
No external capacitor on pins FV1 and FV2
22
MHz
Small-Signal Settling Time
Any 8dB change on the inputs,
no external capacitor on FV1 and FV2,
settling accuracy is ±0.5dB
150
ns
Large-Signal Settling Time
Any 30dB change on the inputs, no external
capacitor on pins FV1 and FV2, settling
accuracy is
±0.5dB
300
ns
Small-Signal Rise and Fall Time
Any 8dB step, no external capacitor on pins
FV1 and FV2
15
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com