Electronic Components Datasheet Search
  English  ▼

X  

MAX2016 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX2016
Description  LF-to-2.5GHz Dual Logarithmic Detector/ Controller for Power, Gain, and VSWR Measurements
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2016 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX2016 Datasheet HTML 1Page - Maxim Integrated Products MAX2016 Datasheet HTML 2Page - Maxim Integrated Products MAX2016 Datasheet HTML 3Page - Maxim Integrated Products MAX2016 Datasheet HTML 4Page - Maxim Integrated Products MAX2016 Datasheet HTML 5Page - Maxim Integrated Products MAX2016 Datasheet HTML 6Page - Maxim Integrated Products MAX2016 Datasheet HTML 7Page - Maxim Integrated Products MAX2016 Datasheet HTML 8Page - Maxim Integrated Products MAX2016 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
LF-to-2.5GHz Dual Logarithmic Detector/
Controller for Power, Gain, and VSWR Measurements
_______________________________________________________________________________________
5
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Large-Signal Rise and Fall Time
Any 30dB step, no external capacitor on
pins FV1 and FV2
35
ns
0.1GHz
PRFINB = -32dBm
80
0.9GHz
PRFINB = -30dBm
75
1.9GHz
PRFINB = -27dBm
60
2.17GHz
PRFINB = -25dBm
55
±1dB Dynamic Range
2.5GHz
PRFINB = -23dBm
50
dB
Slope
fRF = 0.1GHz to 2.5GHz
25
mV/dB
OUTD Voltage Deviation
PRFINA = PRFINB = -30dBm, TA =
-20°C to +85°C
±0.25
dB
0.1GHz, PRFINB =
-32dBm
80
0.9GHz, PRFINB =
-30dBm
70
1.9GHz, PRFINB =
-27dBm
55
2.17GHz, PRFINB =
-25dBm
50
±1dB Dynamic Range over
Temperature Relative to Best-Fit
Curve at +25
°C
PRFINA is swept ;
TA = -20°C to
+85°C
2.5GHz, PRFINB =
-23dBm
45
dB
Gain Measurement Balance
PRFINB = PRFINB = -50dBm to -5dBm, fRF =
1.9GHz
0.2
dB
0.9GHz
90
1.9GHz
65
Channel Isolation
2.5GHz
55
dB
AC ELECTRICAL CHARACTERISTICS—OUTD (continued)
(Typical Application Circuit, VCC = +2.7V to +3.3V, R1 = R2 = R3 = 0
Ω, TA = -40°C to +85°C, unless otherwise noted. Typical values
are at VCC = 3.3V, CSETL = CSETH = VCC, TA = +25°C, unless otherwise noted.) (Note 1)
Note 1: The MAX2016 is tested at TA = +25°C and is guaranteed by design for TA = -40°C to +85°C.
Note 2: Typical minimum and maximum range of the detector at the stated frequency.
Note 3: Dynamic range refers to the range over which the error remains within the ±3dB range.
Note 4: The slope is the variation of the output voltage per change in input power. It is calculated by fitting a root-mean-square
straight line to the data indicated by the RF input power range.
Note 5: The intercept is an extrapolated value that corresponds to the output power for which the output voltage is zero. It is calcu-
lated by fitting a root-mean-square straight line to the data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com