Electronic Components Datasheet Search
  English  ▼

X  

FTK138D Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK138D
Description  POWER MOSPET 200 mAmps, 50 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK138D Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK138D Datasheet HTML 1Page - First Silicon Co., Ltd FTK138D Datasheet HTML 2Page - First Silicon Co., Ltd FTK138D Datasheet HTML 3Page - First Silicon Co., Ltd FTK138D Datasheet HTML 4Page - First Silicon Co., Ltd FTK138D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2015.01.10
4/5
FTK138D
Revision No : 0
0
1
2
3
4
5
6
0
0.5
I , DRAIN-CURRENT (A)
Fig. 7 Drain-Source On-Resistance vs. Drain-Current
D
150 C
°
-55 C
°
25 C
°
V
= 4 5V
GS
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
I , DRAIN-CURRENT (A)
Fig. 8 Drain-Source On-Resistance vs. Drain-Current
D
150 C
°
-55 C
°
25 C
°
V
= 10V
GS
0.001
0.01
0.1
1
V , DIODE FORWARD VOLTAGE (V)
Fig. 9 Body Diode Current vs. Body Diode Voltage
SD
0
0.2
0.4
0.6
0.8
1
1.2
150 C
°
-55 C
°
25 C
°
1
10
100
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 10 Capacitance vs. Drain-Source Voltage
DS
0
5
10
15
20
25
30
V
= 0V
f = 1MHz
GS
Crss
Coss
Ciss



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com