Electronic Components Datasheet Search
  English  ▼

X  

FTK138D Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FTK138D
Description  POWER MOSPET 200 mAmps, 50 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK138D Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FTK138D Datasheet HTML 1Page - First Silicon Co., Ltd FTK138D Datasheet HTML 2Page - First Silicon Co., Ltd FTK138D Datasheet HTML 3Page - First Silicon Co., Ltd FTK138D Datasheet HTML 4Page - First Silicon Co., Ltd FTK138D Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2015.01.10
3/5
FTK138D
Revision No : 0
Typical Characteristics (TA =25 Noted)
0
0.1
0.2
0.3
0.4
0.5
0.6
1
0
3
2
5
4 7
6
8
9 10
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Drain-Source Current vs. Drain-Source Voltage
DS
T = 25 C
j
°
V
= 3.5V
GS
V
= 3.25V
GS
V
= 3.0V
GS
V
= 2.75V
GS
V
= 2 5V
GS
0
V , GATE-SOURCE VOLTAGE (V)
Fig. 2 Transfer Characteristics
GS
0.1
0.2
0.3
0.5
0.4
0.6
0.7
0.8
0
1
1.5
0.5
2
3.5 4
4.5
2.5
3
-55 C
°
150 C
°
25 C
°
V
= 1V
DS
0.65
T , JUNCTION TEMPERATURE (°C)
Fig. 3 Drain-Source On Resistance vs. Junction Temperature
j
0.85
1.05
1.25
1.65
1.45
1.85
2.05
2.25
2.45
-55
-5
45
95
145
V
= 10V
GS
V
= 4.5V
GS
I = 0.5A
D
I = 0.075A
D
0
0.2
0.4
0.6
0.8
1
1.4
1.2
2
1.8
1.6
-55
-25
5
7
0
0
1
0
5
T , JUNCTION TEMPERATURE (°C)
Fig. 4 Gate Threshold Voltage vs. Junction Temperature
j
125
25
0
150
0
I , DRAIN-CURRENT (A)
Fig. 5 Drain-Source On-Resistance vs. Drain-Current
D
1
2
3
4
5
6
7
8
0
0.02 0.04 0.06 0.08
0.16
0.14
1
.
0
2
1
.
0
150 C
°
-55 C
°
25 C
°
V
= 2.5V
GS
0
I , DRAIN-CURRENT (A)
Fig. 6 Drain-Source On-Resistance vs. Drain-Current
D
1
2
3
5
4
6
7
8
9
0
0.05
0.1
0.2
0.15
0.25
150 C
°
-55 C
°
25 C
°
V
= 2.75V
GS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com