Electronic Components Datasheet Search
  English  ▼

X  

FTK1012S Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FTK1012S
Description  N-Channel 1.8-V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1012S Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FTK1012S Datasheet HTML 1Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 2Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 3Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 4Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7.ELECTRICAL CHARACTERISTICS CURVES(Con.)
0
5
10
15
20
25
30
35
40
45
50
0
2
4
6
VGS,Gate to Source Voltage(V)
ID=200mA
125℃
25℃
-50℃
0
0.1
0.2
0.3
0.4
0.5
0.6
-50
-25
0
25
50
75
100
125
TJ,Temperature(℃)
VGS=1.8V,ID=350mA
VGS=4.5V,ID=600mA
40
50
60
70
80
90
100
110
120
0
2
4
6
8
10
VDS Drain To Source Voltage(V)
f=1MHz
Ta=25℃
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
-50
-25
0
25
50
75
100
125
Tj,Temperature(℃)
ID=0.25mA
RDSON vs.VGS
RDSON vs. TJ
Ciss vs.VDS
VGSTH vs.TJ
N-Channel 1.8-V (G-S) MOSFET
FTK1012S
2020. 02. 05
4/5
Revision No : 0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com