Electronic Components Datasheet Search
  English  ▼

X  

FTK1012S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FTK1012S
Description  N-Channel 1.8-V (G-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTK1012S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FTK1012S Datasheet HTML 1Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 2Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 3Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 4Page - First Silicon Co., Ltd FTK1012S Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1. FEATURES
●
Power MOSFET: 1.8-V Rated
●
Gate-Source ESD Protected
●
High-Side Switching
●
●
Low Threshold: 0.8 V (typ)
●
Fast Switching Speed: 10 ns
●
We declare that the material of product compliance with
RoHS requirements and Halogen Free.
2. BENEFITS
●
Ease in Driving Switches
●
Low Offset (Error) Voltage
●
Low-Voltage Operation
●
High-Speed Circuits
●
Low Battery Voltage Operation
3. APPLICATIONS
●
Drivers: Relays, Solenoids, Lamps, Hammers,Displays, Memories.
●
Battery Operated Systems
●
Power Supply Converter Circuits
●
Load/Power Switching Cell Phones, Pagers
4. DEVICE MARKING AND ORDERING INFORMATION
5. MAXIMUM RATINGS(Ta = 25ºC)
1.Pulse width limited by maximum junction temperature.
2.Surface Mounted on FR4 Board.
600
500
mA
400
350
IDM
1000
IS
275
250
Unit
VDS
20
V
−55 ~+150
℃
PD
mW
Parameter
Drain-Source Voltage
Gate-Source Voltage
TA = 25℃
TA = 85℃
Pulsed Drain Current(Note 1)
Continuous Source Current (diode conduction)(Note 2)
Maximum Power Dissipation
VGS
±6
V
225
Symbol
5 secs
Steady State
Marking
Shipping
FTK1012S
A2
3000/Tape&Reel
Device
TJ , Tstg
Operating Junction and Storage Temperature Range
Continuous Drain Current (TJ = 150℃)
(Note 2)
ID
SOT-23
(Top View)
Drain
Gate
3
1
2
Source
N-Channel 1.8-V (G-S) MOSFET
Low On-Resistance: 0.7Ω
SEMICONDUCTOR
TECHNICAL DATA
FTK1012S
2020. 02. 05
1/5
Revision No : 0


Similar Part No. - FTK1012S

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FTK1012SOT883 FS-FTK1012SOT883 Datasheet
333Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - FTK1012S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
28-Feb-05
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
N-Channel 1.8 V (G-S) MOSFET
25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
N-Channel 1.8 V (G-S) MOSFET
15-Apr-13
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com