Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3663
Description  ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3663 Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 38Page - Texas Instruments ADC3663 Datasheet HTML 39Page - Texas Instruments ADC3663 Datasheet HTML 40Page - Texas Instruments ADC3663 Datasheet HTML 41Page - Texas Instruments ADC3663 Datasheet HTML 42Page - Texas Instruments ADC3663 Datasheet HTML 43Page - Texas Instruments ADC3663 Datasheet HTML 44Page - Texas Instruments ADC3663 Datasheet HTML 45Page - Texas Instruments ADC3663 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 71 page
background image
8.6.1 Detailed Register Description
Figure 8-39. Register 0x00
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
RESET
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-11. Register 0x00 Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
R/W
0
Must write 0
0
RESET
R/W
0
This bit resets all internal registers to the default values and self
clears to 0.
Figure 8-40. Register 0x07
7
6
5
4
3
2
1
0
OP IF MAPPER
0
OP IF EN
OP IF SEL
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Table 8-12. Register 0x07 Field Descriptions
Bit
Field
Type
Reset
Description
7-5
OP IF MAPPER
R/W
000
Output interface mapper. This register contains the proper
output interface bit mapping for the different interfaces. The
interface bit mapping is internally loaded from e-fuses and also
requires a fuse load command to go into effect (0x13, D0).
Register 0x07 along with the E-Fuse Load (0x13, D0) needs to
be loaded first in the programming sequence since the E-Fuse
load resets the SPI writes.
After initial reset the default output interface variant is loaded
automatically from fuse internally. However when reading back
this register reads 000 until a value is written using SPI.
001: 2-wire, 18 and 14-bit
010: 2-wire, 16-bit
011: 1-wire
100: 0.5-wire
others: not used
4
0
R/W
0
Must write 0
3
OP IF EN
R/W
0
Enables changing the default output interface mode (D2-D0).
2-0
OP IF SEL
R/W
000
Selection of the output interface mode. OP IF EN (D3) needs to
be enabled also.
After initial reset the default output interface is loaded
automatically from fuse internally. However when reading back
this register reads 000 until a value is written using SPI.
011: 2-wire
100: 1-wire
101: 0.5-wire
others: not used
ADC3664
SBAS888 – DECEMBER 2020
www.ti.com
42
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com