Electronic Components Datasheet Search
  English  ▼

X  

ADC3663 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADC3663
Description  ADC3664 14-Bit, 125-MSPS, Low-Noise, Low Power Dual Channel ADC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC3663 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC3663 Datasheet HTML 20Page - Texas Instruments ADC3663 Datasheet HTML 21Page - Texas Instruments ADC3663 Datasheet HTML 22Page - Texas Instruments ADC3663 Datasheet HTML 23Page - Texas Instruments ADC3663 Datasheet HTML 24Page - Texas Instruments ADC3663 Datasheet HTML 25Page - Texas Instruments ADC3663 Datasheet HTML 26Page - Texas Instruments ADC3663 Datasheet HTML 27Page - Texas Instruments ADC3663 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 71 page
background image
8.3.2 Clock Input
In order to maximize the ADC SNR performance, the external sampling clock should be low jitter and differential
signaling with a high slew rate. This is especially important in IF sampling applications (Figure 8-8 and Figure
8-9). For less jitter sensitive applications, the ADC3664 provides the option to operate with single ended
signaling which saves additional power consumption.
Figure 8-8. AC Performance vs Clock Amplitude
for FIN = 5 MHz
Figure 8-9. AC Performance vs Clock Amplitude
for FIN = 70 MHz
8.3.2.1 Single Ended vs Differential Clock Input
The ADC3664 can be operated using a differential or a single ended clock input where the single ended clock
consumes less power consumption. However clock amplitude impacts the ADC aperture jitter and consequently
the SNR. For maximum SNR performance, a large clock signal with fast slew rates needs to be provided.
• Differential Clock Input: The clock input can be AC coupled externally. The ADC3664 provides internal
biasing for that use case.
• Single Ended Clock Input: This mode needs to be configured using SPI register (0x0E, D2 and D0) or with
the REFBUF pin. In this mode there is no internal clock biasing and thus the clock input needs to be DC
coupled around a 0.9V center. The unused input needs to be AC coupled to ground.
VCM
0.9V
CLKP
CLKM
5kO
5kO
CLKP
CLKM
0.9V
0V
1.8V
+
-
Figure 8-10. External and internal connection using differential (left) and single ended (right) clock input
ADC3664
SBAS888 – DECEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: ADC3664



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com