Electronic Components Datasheet Search
  English  ▼

X  

DRV8955PRGER Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8955PRGER
Description  DRV8955 Quad Half-Bridge Driver With Integrated Current Sense
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8955PRGER Datasheet(HTML) 25 Page - Texas Instruments

Back Button DRV8955PRGER Datasheet HTML 21Page - Texas Instruments DRV8955PRGER Datasheet HTML 22Page - Texas Instruments DRV8955PRGER Datasheet HTML 23Page - Texas Instruments DRV8955PRGER Datasheet HTML 24Page - Texas Instruments DRV8955PRGER Datasheet HTML 25Page - Texas Instruments DRV8955PRGER Datasheet HTML 26Page - Texas Instruments DRV8955PRGER Datasheet HTML 27Page - Texas Instruments DRV8955PRGER Datasheet HTML 28Page - Texas Instruments DRV8955PRGER Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
TJ = 25°C + (2.181-W x 29.7°C/W) = 89.78 °C
The junction temperature for the VQFN package is calculated as -
TJ = 25°C + (2.181-W x 39°C/W) = 110.06 °C
It should be ensured that the device junction temperature is within the specified operating region.
8.2.2.3 Application Curves
CH1 = IN1 (3 V/div), CH3 = OUT1 (24 V/div), CH7 = IOUT1 (1.5 A/div)
Figure 8-2. Current Regulation with VM-connected Load
CH1 = IN1 (3 V/div), CH3 = OUT1 (24 V/div)
Figure 8-3. Input-to-Output Propagation Delay
www.ti.com
DRV8955
SLOSE71 – APRIL 2020 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DRV8955



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com