Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532 Datasheet(HTML) 4 Page - Texas Instruments

  THS4532 Datasheet HTML 1Page - Texas Instruments THS4532 Datasheet HTML 2Page - Texas Instruments THS4532 Datasheet HTML 3Page - Texas Instruments THS4532 Datasheet HTML 4Page - Texas Instruments THS4532 Datasheet HTML 5Page - Texas Instruments THS4532 Datasheet HTML 6Page - Texas Instruments THS4532 Datasheet HTML 7Page - Texas Instruments THS4532 Datasheet HTML 8Page - Texas Instruments THS4532 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
6 Pin Configuration and Functions
1
2
3
4
8
7
6
5
IN+
PD
VS
-
OUT
-
IN
-
VOCM
VS+
OUT+
Figure 6-1. DGK Package 8-Pin VSSOP Top View
10
1
3
2
4
6
7
8
9
IN–
PD
OUT–
OUT+
VOCM
VS–
VS+
IN+
NC
NC
5
Figure 6-2. RUN Package 10-Pin WQFN Top View
13
15
14
16
8
6
7
5
FB–
FB+
IN+
IN–
PD
OUT–
OUT+
VOCM
1
3
2
4
9
10
11
12
Figure 6-3. RGT Package (Preview) 16-Pin VQFN With Exposed Thermal Pad Top View
Table 6-1. Pin Functions
PIN
TYPE(2)
DESCRIPTION
NAME
DGK
RUN
RGT(1)
FB–
—
—
1
O
Inverting (negative) output feedback
FB+
—
—
4
O
Noninverting (positive) output feedback
IN–
1
6
3
I
Inverting (negative) amplifier input
IN+
8
4
2
I
Noninverting (positive) amplifier input
NC
—
2, 8
—
—
No internal connection
OUT–
5
1
11
O
Inverting (negative) amplifier output
OUT+
4
9
10
O
Noninverting (positive) amplifier output
PD
7
3
12
I
Power down. PD = logic low = power off mode; PD = logic high = normal
operation.
VOCM
2
7
9
I
Common-mode voltage input
VS–
6
5
13, 14, 15,
16
P
Negative power-supply input
VS+
3
10
5, 6, 7, 8
P
Positive power-supply input
(1)
Solder the exposed RGT package thermal pad to a heat-spreading power or ground plane. This pad is electrically isolated from the
die, but must be connected to a power or ground plane and not floated.
(2)
I = input, O = output, P = power.
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com