Electronic Components Datasheet Search
  English  ▼

X  

THS4532 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS4532
Description  THS4561 Low-Power, High Supply Range, 60-MHz, Fully Differential Amplifier
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4532 Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS4532 Datasheet HTML 9Page - Texas Instruments THS4532 Datasheet HTML 10Page - Texas Instruments THS4532 Datasheet HTML 11Page - Texas Instruments THS4532 Datasheet HTML 12Page - Texas Instruments THS4532 Datasheet HTML 13Page - Texas Instruments THS4532 Datasheet HTML 14Page - Texas Instruments THS4532 Datasheet HTML 15Page - Texas Instruments THS4532 Datasheet HTML 16Page - Texas Instruments THS4532 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
7.7 Typical Characteristics: (VS+) – (VS–) = 5 V (continued)
at TA ≈ 25°C, VOCM pin = open, RF = 1.5 kΩ, RL = 1 kΩ, VO = 2 VPP, 50-Ω input match, G = 1 V/V, PD = VS+, single-ended
input (SE-in), differential output (diff-out), and input and output referenced to default midsupply for AC-coupled tests (unless
otherwise noted); see Figure 8-1 for a gain of 1-V/V test circuit.
Frequency (Hz)
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
10k
100k
1M
10M
D025
HD2, VO = 2 VPP
HD3, VO = 2 VPP
HD2, VO = 8 VPP
HD3, VO = 8 VPP
Figure 7-21. Harmonic Distortion vs Frequency
Output Voltage (VPP)
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
10
2
D026
HD2, 100 kHz
HD3, 100 kHz
HD2, 1 MHz
HD3, 1 MHz
Figure 7-22. Harmonic Distortion vs VO
Load Resistance, RL (:)
-130
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
100
1k
10k
D027
HD2, 100 kHz
HD3, 100 kHz
HD3, 1 MHz
HD2, 1 MHz
VO = 5 VPP with RL adjusted
Figure 7-23. Harmonic Distortion vs RL
Gain, G (V/V)
-130
-120
-110
-100
-90
-80
-70
-60
-50
1
10
D028
HD2, 100 kHz
HD3, 100 kHz
HD2, 1 MHz
HD3, 1 MHz
VO = 5 VPP, see Table 10-1 for gain setting
Figure 7-24. Harmonic Distortion vs Gain
Common-Mode Voltage, VOCM (V)
-1
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
1
-125
-120
-115
-110
-105
-100
-95
-90
-85
-80
-75
D029
HD2, 100 kHz
HD3, 100 kHz
HD2, 1 MHz
HD3, 1 MHz
VO = 5 VPP with VOCM adjusted
Figure 7-25. Harmonic Distortion vs VOCM
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
1M
10M
D030
Max IMD2
Max IMD3
VO = 2 VPP per tone, ±50-kHz tone spacing
Figure 7-26. Intermodulation Distortion (IMD2 and IMD3) vs
Frequency
www.ti.com
THS4561
SBOS874C – AUGUST 2017 – REVISED DECEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: THS4561



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com